Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 263 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 263 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 259Page - STMicroelectronics UM0434 Datasheet HTML 260Page - STMicroelectronics UM0434 Datasheet HTML 261Page - STMicroelectronics UM0434 Datasheet HTML 262Page - STMicroelectronics UM0434 Datasheet HTML 263Page - STMicroelectronics UM0434 Datasheet HTML 264Page - STMicroelectronics UM0434 Datasheet HTML 265Page - STMicroelectronics UM0434 Datasheet HTML 266Page - STMicroelectronics UM0434 Datasheet HTML 267Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 390 page
background image
External core complex interfaces
UM0434
264/391
The core shifts out a 1 as the first bit on
j_tdo if the Shift_DR state is entered directly from
the test-logic-reset state, per the JTAG specification, and informs any JTAG controller that
an ID register exists on the part. The JTAG ID register is accessed by writing the OCMR
(OnCE command register) with the value 0x02 in OCMD[RS].
The JTAG ID bit, manufacturer ID field, and design center number are fixed by the JTAG
Consortium or Freescale. The version numbers and the 2 msbs of the sequence number are
variable and brought out to external ports. The 8 lsbs of the sequence number are variable
and are strapped internally to track variations in processor deliverables.
Table 188 shows the inputs to the JTAG ID register that are input ports on the core. These
bits can help a customer track revisions of a device using the core.
Table 189 describes the JTAG ID signals.
Table 187.
JTAG register ID fields
Bit field
Type
Description
Value
[31:28]
Variable
Version number
Variable
[27:22]
Fixed
Design center number (e200z3)
01_1111
[21:12]
Variable
Sequence number
Variable
[11:1]
Fixed
Motorola manufacturer ID
000_0000_1110
0
Fixed
JTAG ID register identification bit
1
Table 188.
JTAG ID register inputs
Signal name
Type
Description
j_id_sequence[0:1]
I
JTAG ID register (2 msbs of sequence field)
j_id_version[0:3]
I
JTAG ID register version field
Table 189.
Descriptions of JTAG ID signals
Signal
I/O
Signal description
j_id_sequence[0:1]
I
JTAG ID sequence. Corresponds to the two msbs of the 10-bit
sequence number in the JTAG ID register. These inputs are normally
static and are provided for the integrator for further component variation
identification.
j_id_sequence[2:9]
I
JTAG ID sequence. Internally strapped by EPS to track variations in
processor and module deliverables. Each core deliverable has a unique
sequence number. Additionally, each revision of these modules can be
identified by unique sequence numbers. EPS maintains a database of
the sequence numbers.
j_id_version[0:3]
I
JTAG ID version. Corresponds to the 4-bit version number in the JTAG
ID register. These inputs are normally static. They are provided to the
customer for strapping to facilitate identification of component variants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com