Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 256 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 256 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 252Page - STMicroelectronics UM0434 Datasheet HTML 253Page - STMicroelectronics UM0434 Datasheet HTML 254Page - STMicroelectronics UM0434 Datasheet HTML 255Page - STMicroelectronics UM0434 Datasheet HTML 256Page - STMicroelectronics UM0434 Datasheet HTML 257Page - STMicroelectronics UM0434 Datasheet HTML 258Page - STMicroelectronics UM0434 Datasheet HTML 259Page - STMicroelectronics UM0434 Datasheet HTML 260Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 390 page
background image
UM0434
External core complex interfaces
257/391
Table 181 describes signal debug events to the core.
p_doze
p_nap
p_sleep
O
Low-power mode. Asserted by the processor to reflect the settings of HID0[DOZE,NAP,SLEEP]
when MSR[WE] is set. The core can be placed in a low-power state by forcing
m_clk to a
quiescent state and brought out of low-power state by re-enabling
m_clk. The time base facilities
may be separately enabled or disabled using combinations of the timer facility control signals.
External logic can detect the asserted edge or level of these signals to determine which low-
power mode has been requested and then place the core and peripherals in a low-power
consumption state.
p_wakeup can be monitored to determine when to end the low-power
condition.
State
Meaning
Asserted—MSR[WE] and the respective HID0 bit are both set.
Negated—MSR[WE] and the respective HID0 bit are not both set.
Timing Assertion—May assert for 1 or more clock cycles.
p_wakeup
O
Wake up. Used by external logic to remove the core and system logic from a low-power state. It
can also indicate to the system clock controller that
m_clk should be re-enabled for debug
purposes.
p_wakeup (or other system state) should be monitored to determine when to release the
processor (and system if applicable) from a low-power state.
State
Meaning
Asserted—Asserts whenever one of the following occurs:
– A valid pending interrupt is detected by the core.
– A request to enter debug mode is made by setting the OCR[DR] or via the assertion
of
jd_de_b or p_ude.
– The processor is in a debug session and
jd_debug_b is asserted.
– A request to enable
m_clk has been made by setting OCR[WKUP].
Timing
See
Chapter 9.5.5: Power management on page 289.” This signal is asynchronous to
the system clock and should be synchronized to the system clock domain to avoid
hazards.
Table 180.
Descriptions of power management control signals (continued)
Signal
I/O
Signal description
Table 181.
Descriptions of debug events signals
Signal
I/O
Signal description
p_ude
I
Unconditional debug event. Used to request an unconditional debug event.
State
Meaning
Asserted—An unconditional debug event has been requested. Only a transition from
negated to asserted state of
p_ude causes an event to occur. However, the level on this
signal causes assertion of
p_wakeup.
Negated—No unconditional debug event has been requested.
Timing
Not internally synchronized by the core, and must meet setup and hold time constraints
relative to
m_clk when the core clock is running.
Assertion—Level-sensitive and must be held asserted until acknowledged by software,
or, when external debug mode is enabled, by assertion of
jd_debug_b to be guaranteed
recognition. Only a transition from negated to asserted state of
p_ude causes an event to
occur. However, the level on this signal causes assertion of
p_wakeup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com