Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 252 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 252 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 248Page - STMicroelectronics UM0434 Datasheet HTML 249Page - STMicroelectronics UM0434 Datasheet HTML 250Page - STMicroelectronics UM0434 Datasheet HTML 251Page - STMicroelectronics UM0434 Datasheet HTML 252Page - STMicroelectronics UM0434 Datasheet HTML 253Page - STMicroelectronics UM0434 Datasheet HTML 254Page - STMicroelectronics UM0434 Datasheet HTML 255Page - STMicroelectronics UM0434 Datasheet HTML 256Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 390 page
background image
UM0434
External core complex interfaces
253/391
Table 176 describes the timer facility signals, which are associated with the time base, watchdog, fixed-
interval, and decrementer facilities.
p_voffset[0:15
]
I
Interrupt vector offset. Vector offset and context selector used when processing begins for an
incoming interrupt request. Ignored if multiple hardware contexts are not implemented.
State
Meaning
Correspond to IVOR
n[16–31]. p_voffset[0:11] are used in forming the exception
handler address;
p_voffset[12:15] are used to select a new operating context when
multiple hardware contexts are implemented.
Timing
Sampled with the
p_extint_b and p_critint_b interrupt request inputs; must be
driven to a valid value when either signal is asserted unless
p_avec_b is also
asserted. If
p_avec_b is asserted, these inputs are not used.
Assertion—Level-sensitive; must remain asserted to guarantee correct recognition.
Must be asserted concurrently with
p_extint_b and p_critint_b when used.
p_iack
O
Interrupt vector acknowledge. Interrupt vector acknowledge indicator to allow external interrupt
controllers to be informed when a critical input or external input interrupt is being processed.
State
Meaning
Asserted—An interrupt vector is being acknowledged.
Negated—An interrupt vector is not being acknowledged.
Timing
Assertion—Asserted after the cycle in which
p_avec_b and p_voffset[0:15] are
sampled in preparation for exception processing. See
Figure 62 and <Cross
Refs>Figure 63 for timing diagrams.
p_mcp_b
I
Machine check. Machine check interrupt request to the core. Masked by HID0[EMCP].
State
Meaning
Asserted—A machine check interrupt is being requested.
Negated—A machine check interrupt is not being requested.
Timing
Because this signal is not internally synchronized by the core, it must meet setup
and hold time constraints to
m_clk when the core clock is running. p_mcp_b is not
sampled while the core is in the halted or stopped power management states.
Assertion—
p_mcp_b is sampled on two consecutive m_clk periods to detect a
transition from the negated to the asserted state. It is internally qualified with this
transition, but must remain asserted to be guaranteed to be recognized
.
Table 175.
Descriptions of interrupt signals (continued)
Signal
I/O
Signal description
Table 176.
Descriptions of timer facility signals
Signal
I/O
Signal description
p_tbdisable
I
Timer disable. Used to disable the internal time base and decrementer counters. Used to freeze
the state of the time base and decrementer during low power or debug operation.
State
Meaning
Asserted—Time base and decrementer updates are frozen.
Negated—Time base and decrementer updates are unaffected.
Timing
Not internally synchronized by the core; must meet setup and hold time constraints
relative to
m_clk when the core clock is running, as well as to p_tbclk when selected
as an alternate time base clock source.
p_tbclk
I
Timer external clock. Used as an alternate clock source for the time base and decrementer
counters. Selection of this clock is made using HID0[SEL_TBCLK] (see
Chapter 4.13.1:
Hardware implementation dependent register 0 (HID0) on page 84”).
Timing
Must be synchronous to the
m_clk input and cannot exceed 50% of the m_clk
frequency. Must be driven such that it changes state on the falling edge of
m_clk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com