Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 254 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 254 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 250Page - STMicroelectronics UM0434 Datasheet HTML 251Page - STMicroelectronics UM0434 Datasheet HTML 252Page - STMicroelectronics UM0434 Datasheet HTML 253Page - STMicroelectronics UM0434 Datasheet HTML 254Page - STMicroelectronics UM0434 Datasheet HTML 255Page - STMicroelectronics UM0434 Datasheet HTML 256Page - STMicroelectronics UM0434 Datasheet HTML 257Page - STMicroelectronics UM0434 Datasheet HTML 258Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 390 page
background image
UM0434
External core complex interfaces
255/391
9.3.1
Processor state signals
Table 179 describes the processor state signals.
p_pvrin[16:31]
I
Processor version. Provide a portion of the version number for a particular CPU. Reflected in
the PVR. See
Chapter 4.4.3: Processor version register (PVR) on page 45.”
Timing Intended to remain in a static condition and are not internally synchronized.
Table 178.
Descriptions of miscellaneous processor signals (continued)
Signal
I/O
Signal description
Table 179.
Descriptions of processor state signals
Signal
I/O
Signal description
p_pstat[0:6]
O
Processor status. Indicate the internal execution unit status. Any values not shown are reserved.
p_pstat[0:6]Internal Processor Status
00000xx Execution stalled
00001xx Execute exception
00010xx Instruction squashed
01000xx Processor in halted state
01001xx Processor in stopped state
01010xx Processor in debug mode(1)
01011xx Processor in checkstop state
10000sm Complete instruction(2),(3)
1000100 Complete lmw or stmw
1000101 Complete e_lmw or e_stmw
1001000 Complete isync
1001011 Complete se_isync
100110m Complete lwarx or stwcx. 3
1100000 Complete branch instruction bc, bcl, bca, bcla, b, bl, ba, bla resolved as not taken
1100001 Complete branch instruction e_bc, e_bcl, e_b, e_bl resolved as not taken
1100011 Complete branch instruction se_bc, se_bcl, se_b, se_bl resolved as not taken
1100100 Complete branch instruction bc, bcl, bca, bcla, b, bl, ba, bla resolved as taken
1100101 Complete branch instruction e_bc, e_bcl, e_b, e_bl resolved as taken
1100111 Complete branch instruction se_bc, se_bcl, se_b, se_bl resolved as taken
1101000 Complete bclr, bclrl, bcctr, bcctrl resolved as not taken
1101100 Complete bclr, bclrl, bcctr, bcctrl resolved as taken
1101111 Complete se_blr, se_blrl, se_bctr, se_bctrl (always taken)
111000m Complete isel with condition false
111010m Complete isel with condition true
1111100 Complete rfi, rfci, or rfdi
1111111 Complete se_rfi, se_rfci, or se_rfdi
Timing
Synchronous with
m_clk, so the indicated status may not apply to a current bus
transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com