Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 332 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 332 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 328Page - STMicroelectronics UM0434 Datasheet HTML 329Page - STMicroelectronics UM0434 Datasheet HTML 330Page - STMicroelectronics UM0434 Datasheet HTML 331Page - STMicroelectronics UM0434 Datasheet HTML 332Page - STMicroelectronics UM0434 Datasheet HTML 333Page - STMicroelectronics UM0434 Datasheet HTML 334Page - STMicroelectronics UM0434 Datasheet HTML 335Page - STMicroelectronics UM0434 Datasheet HTML 336Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 390 page
background image
UM0434
Nexus3 module
333/391
Program trace–Indirect
branch message
6
6
Fixed
TCODE number = 4 (0x04)
44
Fixed
Source processor identifier (multiple Nexus
configuration)
18
Variable
Number of sequential instructions executed since last
taken branch
132
Variable
Unique part of target address for taken
branches/exceptions
Data trace–Data write
message
6
6
Fixed
TCODE number = 5 (0x05)
44
Fixed
Source processor identifier (multiple Nexus
configuration)
3
3
Fixed
Data size. Refer to
Table 215.
1
32
Variable Unique portion of the data write address
1
64
Variable Data write value(s). See data trace section for details.
Data trace–Data read
message
6
6
Fixed
TCODE number = 6 (0x06)
44
Fixed
Source processor identifier (multiple Nexus
configuration)
3
3
Fixed
Data size. Refer to
Table 215.
1
32
Variable Unique portion of the data read address
1
64
Variable Data read value(s). See data trace section for details.
Error message
6
6
Fixed
TCODE number = 8 (0x08)
44
Fixed
Source processor identifier (multiple Nexus
configuration)
5
5
Fixed
Error code
Program trace–Direct
branch message with
synchronization
6
6
Fixed
TCODE number = 11 (0x0B)
44
Fixed
Source processor identifier (multiple Nexus
configuration)
18
Variable
Number of sequential instructions executed since last
taken branch
1
32
Variable Full target address (leading zeros truncated)
Program trace–Indirect
branch message with
synchronization
6
6
Fixed
TCODE number = 12 (0x0C)
44
Fixed
Source processor identifier (multiple Nexus
configuration)
18
Variable
Number of sequential instructions executed since last
taken branch
1
32
Variable Full target address (leading zeros truncated)
Table 211.
Public TCODEs supported (continued)
Message name
Minimum
Packet
Size (Bits)
Maximum
Packet
Size (Bits)
Packet
type
Packet description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com