Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 333 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 333 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 329Page - STMicroelectronics UM0434 Datasheet HTML 330Page - STMicroelectronics UM0434 Datasheet HTML 331Page - STMicroelectronics UM0434 Datasheet HTML 332Page - STMicroelectronics UM0434 Datasheet HTML 333Page - STMicroelectronics UM0434 Datasheet HTML 334Page - STMicroelectronics UM0434 Datasheet HTML 335Page - STMicroelectronics UM0434 Datasheet HTML 336Page - STMicroelectronics UM0434 Datasheet HTML 337Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 390 page
background image
Nexus3 module
UM0434
334/391
Data trace–Data write
message with
synchronization
6
6
Fixed
TCODE number = 13 (0x0D)
44
Fixed
Source processor identifier (multiple Nexus
configuration)
3
3
Fixed
Data size. Refer to
Table 215.
1
32
Variable Full access address (leading zeros truncated)
1
64
Variable Data write value(s). See data trace section for details.
Data trace–Data read
message with
synchronization
6
6
Fixed
TCODE number = 14 (0x0E)
44
Fixed
Source processor identifier (multiple Nexus
configuration)
3
3
Fixed
Data size. Refer to
Table 215.
1
32
Variable Full access address (leading zeros truncated)
1
64
Variable Data read value(s). See data trace section for details.
Watchpoint message
6
6
Fixed
TCODE number = 15 (0x0F)
44
Fixed
Source processor identifier (multiple Nexus
configuration)
8
8
Fixed
Number indicating watchpoint source(s)
Resource full message
6
6
Fixed
TCODE number = 27 (0x1B)
44
Fixed
Source processor identifier (multiple Nexus
configuration)
44
Fixed
Resource code. Refer to
Table 213. Indicates which
resource is the cause of this message.
132
Variable
Branch/predicate instruction history (see
Chapter 12.7.1: Branch trace messaging (BTM) on
page 350”)
Program trace–Indirect
branch history
message
6
6
Fixed
TCODE number = 28 (0x1C). See note below.
44
Fixed
Source processor identifier (multiple Nexus
configuration)
18
Variable
Number of sequential instructions executed since last
taken branch
132
Variable
Unique part of target address for taken
branches/exceptions
132
Variable
Branch/predicate instruction history (see
Chapter 12.7.1: Branch trace messaging (BTM) on
page 350”).
Table 211.
Public TCODEs supported (continued)
Message name
Minimum
Packet
Size (Bits)
Maximum
Packet
Size (Bits)
Packet
type
Packet description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com