Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 331 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 331 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 327Page - STMicroelectronics UM0434 Datasheet HTML 328Page - STMicroelectronics UM0434 Datasheet HTML 329Page - STMicroelectronics UM0434 Datasheet HTML 330Page - STMicroelectronics UM0434 Datasheet HTML 331Page - STMicroelectronics UM0434 Datasheet HTML 332Page - STMicroelectronics UM0434 Datasheet HTML 333Page - STMicroelectronics UM0434 Datasheet HTML 334Page - STMicroelectronics UM0434 Datasheet HTML 335Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 390 page
background image
Nexus3 module
UM0434
332/391
12.2
Enabling Nexus3 operation
The Nexus module is enabled by loading a single instruction, NEXUS3-Access
, into the
JTAG instruction register/OnCE OCMD register. For the e200z3 Nexus3 module, the OCMD
value is 0b00_0111_1100. Once enabled, the module is ready to accept control input
through the JTAG/OnCE pins.
The Nexus module is disabled when the JTAG state machine reaches the test-logic-reset
state. This state can be reached by the assertion of the
j_trst_b pin or by cycling through the
state machine using the
j_tms pin. The Nexus module can also be disabled if a power-on
reset (POR) event occurs. If the Nexus3 module is disabled, no trace output is provided, and
the module disables auxiliary port output pins,
nex_mdo[n:0], nex_mseo[1:0], and
nex_mcko. Nexus registers are not available for reads or writes.
Note:
See Nexus 3 Integration Guide for details on IEEE-ISTO 5001 compliance output pins &
multiple Nexus module configurations.
12.3
TCODEs supported
The Nexus3 pins allow for flexible transfer operations through public messages. A TCODE
defines the transfer format, the number and/or size of the packets to be transferred, and the
purpose of each packet. The
IEEE-ISTO 5001-2003 standard defines a set of public
messages. The Nexus3 block supports the public TCODEs seen in
Table 211. Each
message contains multiple packets transmitted in the order shown in the table.
Table 211.
Public TCODEs supported
Message name
Minimum
Packet
Size (Bits)
Maximum
Packet
Size (Bits)
Packet
type
Packet description
Debug status
6
6
Fixed
TCODE number = 0 (0x00)
44
Fixed
Source processor identifier (multiple Nexus
configuration)
8
8
Fixed
Debug status register (DS[31–24])
Ownership trace
message
6
6
Fixed
TCODE number = 2 (0x02)
44
Fixed
Source processor identifier (multiple Nexus
configuration)
32
32
Fixed
Task/process ID tag
Program trace–Direct
branch message
6
6
Fixed
TCODE number = 3 (0x03)
44
Fixed
Source processor identifier (multiple Nexus
configuration)
1
8
Variable
Number of sequential instructions executed since last
taken branch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com