Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 335 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 335 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 331Page - STMicroelectronics UM0434 Datasheet HTML 332Page - STMicroelectronics UM0434 Datasheet HTML 333Page - STMicroelectronics UM0434 Datasheet HTML 334Page - STMicroelectronics UM0434 Datasheet HTML 335Page - STMicroelectronics UM0434 Datasheet HTML 336Page - STMicroelectronics UM0434 Datasheet HTML 337Page - STMicroelectronics UM0434 Datasheet HTML 338Page - STMicroelectronics UM0434 Datasheet HTML 339Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 390 page
background image
Nexus3 module
UM0434
336/391
Table 213 shows the encodings used for resource codes for certain messages.
Table 214 shows the event code encodings used for certain messages.
Table 215 shows the data trace size encodings used for certain messages.
Note:
Program trace can be implemented using either branch history/predicate instruction
messages, or traditional direct/indirect branch messages, and the user can select between
the two types of program trace. The advantages of each are discussed in Chapter 12.7.1:
Branch trace messaging (BTM) on page 350.” If the branch history method is selected, the
shaded TCODES above will not be messaged out.
12.4
Nexus3 Programmer’s model
This section describes the Nexus3 programmers model. Nexus3 registers are accessed
using the JTAG/OnCE port in compliance with IEEE 1149.1. See
Chapter 12.5: Nexus3
register access through JTAG/OnCE on page 348,” for details on Nexus3 register access.
Nexus3 registers and output signals are numbered using bit 0 as the least significant bit.
This bit ordering is consistent with the ordering defined by the IEEE-ISTO 5001 standard.
Table 213.
Resource code encodings (TCODE = 27)
Resource code
(RCODE)
Description
0000
Program trace instruction counter reached 255 and was reset.
0001
Program trace, branch/predicate instruction history. This type of packet is
terminated by a stop bit set after the last history bit.
Table 214.
Event code encodings (TCODE = 33)
Event code
(EVCODE)
Description
0000
Entry into debug mode
0001
Entry into low power mode (CPU only)
0010–1111
Reserved
1110
Entry into a VLE page from a non-VLE page
1111
Entry into a non-VLE page from a VLE page
Table 215.
Data trace size encodings (TCODE = 5, 6, 13, or 14)
DTM size encoding
Transfer size
000
Byte
001
Half-word (2 bytes)
010
Word (4 bytes)
011
Double-word (8 bytes)
100
String (3 bytes)
101–111
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com