Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 338 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 338 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 334Page - STMicroelectronics UM0434 Datasheet HTML 335Page - STMicroelectronics UM0434 Datasheet HTML 336Page - STMicroelectronics UM0434 Datasheet HTML 337Page - STMicroelectronics UM0434 Datasheet HTML 338Page - STMicroelectronics UM0434 Datasheet HTML 339Page - STMicroelectronics UM0434 Datasheet HTML 340Page - STMicroelectronics UM0434 Datasheet HTML 341Page - STMicroelectronics UM0434 Datasheet HTML 342Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 390 page
background image
UM0434
Nexus3 module
339/391
12.4.3
Development control register 1, 2 (DC1, DC2)
The development control registers are used to control the basic development features of the
Nexus3 module. Development control register 1 is shown in
Table 221 and its fields are
described in
Table 219.
Table 221.
Development control register 1 (DC1)
31
30
29 28 27 26 25
24 23
8 7
5 4 3 2
0
Field OPC MCK_DIV EOC — PTM WEN
—
OVC EIC
TM
Reset
All zeros
R/W
Read/Write
Number
0x2
Table 222.
DC1 field descriptions
Bits
Name
Description
31
OPC
Output port mode control
0 Reduced port mode configuration (minimum number of
nex_mdo[n:0] pins
defined by SOC)
1 Full port mode configuration (maximum number of
nex_mdo[n:0] pins
defined by SOC)
30–29
MCK_DIV
MCKO clock divide ratio. See note below.
00
nex_mcko is 1x processor clock freq.
01
nex_mcko is 1/2x processor clock freq.
10
nex_mcko is 1/4x processor clock freq.
11
nex_mcko is 1/8x processor clock freq.
28–27
EOC
EVTO control
00
nex_evto_b upon occurrence of watchpoints (configured in DC2)
01
nex_evto_b upon entry into debug mode
10
nex_evto_b upon timestamping event
11 Reserved
26
—
Reserved
25
PTM
Program trace method
0 Program trace uses traditional branch messages.
1 Program trace uses branch history messages.
24
WEN
Watchpoint trace enable
0 Watchpoint messaging disabled
1 Watchpoint messaging enabled
23–8
—
Reserved
7–5
OVC
Overrun control
000 Generate overrun messages
001–010 Reserved
011 Delay processor for BTM/DTM/OTM overruns
1XX Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com