Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 340 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 340 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 336Page - STMicroelectronics UM0434 Datasheet HTML 337Page - STMicroelectronics UM0434 Datasheet HTML 338Page - STMicroelectronics UM0434 Datasheet HTML 339Page - STMicroelectronics UM0434 Datasheet HTML 340Page - STMicroelectronics UM0434 Datasheet HTML 341Page - STMicroelectronics UM0434 Datasheet HTML 342Page - STMicroelectronics UM0434 Datasheet HTML 343Page - STMicroelectronics UM0434 Datasheet HTML 344Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 390 page
background image
UM0434
Nexus3 module
341/391
entered, a debug status message is transmitted with DS[31–25]. The external tool can read
this register at any time.
12.4.5
Read/Write access Control/Status register (RWCS)
The read write access control/status register, shown in
Table 227, provides control for
read/write access. Read/write access provides DMA-like access to memory-mapped
resources on the AHB system bus either while the processor is halted, or during runtime.
RWCS also provides read/write access status information; see
Table 229.
Table 225.
Development status register (DS)
31 30
28 27 26 25 24
0
Field DBG
LPC
LPC CHK
—
Reset
All zeros
R/W
Read–only
Number
0x4
Table 226.
DS field descriptions
Bits
Name
Description
31
DBG
e200z3 CPU debug mode status
0 CPU not in debug mode
1 CPU in debug mode (
jd_debug_b signal asserted)
30–28
LPS
e200z3 system low power mode status
000 Normal (run) mode
XX1 Doze mode (
p_doze signal asserted)
X1X Nap mode (
p_nap signal asserted)
1XX Sleep mode (
p_sleep signal asserted)
27–26
LPC
e200z3 CPU low power mode status
00 Normal (run) mode
01 CPU in halted state (
p_halted signal asserted)
10 CPU in stopped state (
p_stopped signal asserted)
11 Reserved
25
CHK
e200z3 CPU checkstop status
0 CPU not in checkstop state
1 CPU in checkstop state (
p_chkstop signal asserted)
24–0
—
Reserved, should be cleared.
Table 227.
Read write access control/status register (RWCS)
31 30 29
2726 242322 21 20
1615
2
1
0
Field
AC RW
SZ
MAP
PR
—
CNT
ERR DV
Reset
All zeros
R/W
Read/Write
Number
0x7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com