Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 341 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 341 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 337Page - STMicroelectronics UM0434 Datasheet HTML 338Page - STMicroelectronics UM0434 Datasheet HTML 339Page - STMicroelectronics UM0434 Datasheet HTML 340Page - STMicroelectronics UM0434 Datasheet HTML 341Page - STMicroelectronics UM0434 Datasheet HTML 342Page - STMicroelectronics UM0434 Datasheet HTML 343Page - STMicroelectronics UM0434 Datasheet HTML 344Page - STMicroelectronics UM0434 Datasheet HTML 345Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 390 page
background image
Nexus3 module
UM0434
342/391
Table 229 details the status bit encodings.
12.4.6
Read/Write access data register (RWD)
The read/write access data register, shown in
Table 230, provides the data to/from system
bus memory-mapped locations when initiating a read or a write access.
Table 228.
RWCS field descriptions
Bits
Name
Description
31
AC
Access control
0 End access
1 Start access
30
RW
Read/write select
0 Read access
1 Write access
29–27
SZ
Word size
000 8-bit (byte)
001 16-bit (half-word)
010 32-bit (word)
011 64-bit (double word—only in burst mode)
100–111 Reserved (default to word)
26–24
MAP
MAP select
000 Primary memory map
001–111 Reserved
23–22
PR
Read/write access priority
00 Lowest access priority
01 Reserved (default to lowest priority)
10 Reserved (default to lowest priority)
11 Highest access priority
21–16
—
Reserved
15–2
CNT
Access control count. Number of accesses of word size SZ
1
ERR
Read/write access error. See
Table 229.
0
DV
Read/write access data valid. See
Table 229.
Table 229.
Read/Write access status bit encodings
Read action
Write action
ERR
DV
Read access has not completed.
Write access completed without error
0
0
Read access error has occurred.
Write access error has occurred
1
0
Read access completed without error
Write access has not completed
0
1
Not allowed
Not allowed
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com