Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 345 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 345 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 341Page - STMicroelectronics UM0434 Datasheet HTML 342Page - STMicroelectronics UM0434 Datasheet HTML 343Page - STMicroelectronics UM0434 Datasheet HTML 344Page - STMicroelectronics UM0434 Datasheet HTML 345Page - STMicroelectronics UM0434 Datasheet HTML 346Page - STMicroelectronics UM0434 Datasheet HTML 347Page - STMicroelectronics UM0434 Datasheet HTML 348Page - STMicroelectronics UM0434 Datasheet HTML 349Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 390 page
background image
Nexus3 module
UM0434
346/391
12.4.9
Data trace control register (DTC)
The data trace control register controls whether DTM messages are restricted to reads,
writes, or both for a user programmable address range. There are two data trace channels
controlled by the DTC for the Nexus3 module. Each channel can also be programmed to
trace data accesses or instruction accesses.
Table 236 shows DTC.
Table 237 details the data trace control register fields.
Table 236.
Data trace control register
31 30 29 28 27
8
7
6
5 4 3
2 1 0
Field RWT1 RWT2
—
RC1 RC2 — DI1
—
Reset
All zeros
R/W
Read/Write
Numbe
r
0xD
Table 237.
DTC field descriptions
Bits
Name
Description
31–30
RWT1
Read/write trace 1
00 No trace enabled
X1 Enable data read trace
1X Enable data write trace
29–28
RWT2
Read/write trace 2
00 No trace enabled
X1 Enable data read trace
1X Enable data write trace
27–8
—
Reserved, should be cleared.
7
RC1
Range control 1
0 Condition trace on address within range
1 Condition trace on address outside of range
6
RC2
Range control 2
0 Condition trace on address within range
1 Condition trace on address outside of range
5–4
—
Reserved, should be cleared.
3DI1
Data access/instruction access trace 1
0 Condition trace on data accesses
1 Condition trace on instruction accesses
2–0
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com