Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 346 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 346 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 342Page - STMicroelectronics UM0434 Datasheet HTML 343Page - STMicroelectronics UM0434 Datasheet HTML 344Page - STMicroelectronics UM0434 Datasheet HTML 345Page - STMicroelectronics UM0434 Datasheet HTML 346Page - STMicroelectronics UM0434 Datasheet HTML 347Page - STMicroelectronics UM0434 Datasheet HTML 348Page - STMicroelectronics UM0434 Datasheet HTML 349Page - STMicroelectronics UM0434 Datasheet HTML 350Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 390 page
background image
UM0434
Nexus3 module
347/391
12.4.10
Data trace start address 1 and 2 registers (DTSA1 and DTSA2)
The data trace start address registers, shown in
Table 238, define the start addresses for
each trace channel.
12.4.11
Data trace end address registers 1 and 2 (DTEA1 and DTEA2)
The data trace end address registers, shown in
Table 239, define the end addresses for
each trace channel.
Table 240 shows the range that is selected for data trace for various cases of DTSA being
less than, greater than, or equal to DTEA.
Note:
DTSA must be less than DTEA to guarantee correct data write/read traces. Data trace
ranges are inclusive of the DTSA and DTEA addresses for range control settings indicating
within range, and are exclusive of the DTSA and DTEA addresses or range control settings
indicating outside of range.
Table 238.
Data trace start address registers
31
0
Field
Data Trace Start Address
Reset
All zeros
R/W
Read/Write
Number
DTSA1: 0xE; DTSA2: 0xF
Table 239.
Data trace end address registers
31
0
Field
Data Trace End Address
Reset
All zeros
R/W
Read/Write
Number
DTEA1: 0x12; DTEA2: 0x13
Table 240.
Data Trace—Address range options
Programmed values
Range control bit value
Range selected
DTSA < DTEA
0
The address range lies between the values
specified by DTSA and DTEA. (DTSA -> <-
DTEA)
1
The address range lies outside the values
specified by DTSA and DTEA. (<-DTSA DTEA->)
DTSA > DTEA
N/A
Invalid range–No trace
DTSA = DTEA
N/A
Invalid range–No trace



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com