Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 342 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 342 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 338Page - STMicroelectronics UM0434 Datasheet HTML 339Page - STMicroelectronics UM0434 Datasheet HTML 340Page - STMicroelectronics UM0434 Datasheet HTML 341Page - STMicroelectronics UM0434 Datasheet HTML 342Page - STMicroelectronics UM0434 Datasheet HTML 343Page - STMicroelectronics UM0434 Datasheet HTML 344Page - STMicroelectronics UM0434 Datasheet HTML 345Page - STMicroelectronics UM0434 Datasheet HTML 346Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 390 page
background image
UM0434
Nexus3 module
343/391
Read/write accesses to the AHB require that the debug firmware properly retrieve/place the
data in the RWD.
Table 231 shows the proper placement of data into the RWD. Note that
double-word transfers require two passes through RWD.
Table 232 shows the mapping of RWD bytes to byte lanes of AHB read & write data buses.
Table 230.
read/write access data register
31
0
Field
Read/Write Data
Reset
All zeros
R/W
Read/Write
Number
0x9
Table 231.
RWD data placement for transfers
Transfer sizeand byte offset
RWA(2–0)
RWCS[SZ]
RWD
31–24
23–16
15–8
7–0
Byte
x x x
0 0 0
—
—
—
X
Half
x x 0
0 0 1
—
—
X
X
Word
x 0 0
0 1 0
X
X
X
X
Doubleword
0 0 0
0 1 1
First RWD pass (low order data)
X
X
X
X
Second RWD pass (high order data)
X
X
X
X
"X" indicates byte lanes with valid data
“—” indicates byte lanes which will contain unused data.
Table 232.
RWD byte lane data placement
Transfer sizeand
byte offset
RWA(2:0)
RWD
31–24
23–16
15–8
7–0
Byte @000
0 0 0
—
—
—
AHB[7–0]
Byte @001
0 0 1
—
—
—
AHB[15–8]
Byte @010
0 1 0
—
—
—
AHB[23–16]
Byte @011
0 1 1
—
—
—
AHB[31–24]
Byte @100
1 0 0
—
—
—
AHB[39–32]
Byte @101
1 0 1
—
—
—
AHB[47–40]
Byte @110
1 1 0
—
—
—
AHB[55–48]
Byte @111
1 1 1
—
—
—
AHB[63–56]
Half @000
0 0 0
—
—
AHB[15–8]
AHB[7–0]
Half @010
0 1 0
—
—
AHB[31–24]
AHB[23–16]
Half @100
1 0 0
—
—
AHB[47–40]
AHB[39–32]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com