Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 337 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 337 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 333Page - STMicroelectronics UM0434 Datasheet HTML 334Page - STMicroelectronics UM0434 Datasheet HTML 335Page - STMicroelectronics UM0434 Datasheet HTML 336Page - STMicroelectronics UM0434 Datasheet HTML 337Page - STMicroelectronics UM0434 Datasheet HTML 338Page - STMicroelectronics UM0434 Datasheet HTML 339Page - STMicroelectronics UM0434 Datasheet HTML 340Page - STMicroelectronics UM0434 Datasheet HTML 341Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 390 page
background image
Nexus3 module
UM0434
338/391
12.4.2
Port configuration register (PCR)
The port configuration register (PCR) shown in
Table 219 controls the basic port functions
for all Nexus modules in a multiple Nexus environment. This includes clock control and
auxiliary port width. All bits in this register are writable only once after system reset.
Note:
The CSC and PCR registers exist in a separate module at the SoC level in a multiple Nexus
environment. If the e200z3 Nexus3 module is the only Nexus module, these registers are
not implemented and the e200z3 Nexus3-defined development control register 1 (DC1) is
used to control Nexus port functionality.
Table 218.
CSC field descriptions
Bits
Name
Description
7–4
—
Reserved, should be cleared.
3–0
CSC
Client select control
0xX = Nexus client (SoC level)
Table 219.
Port configuration register
31
30
29
28
26 25
0
Field
OPC — MCK_EN MCK_DIV
—
Reset
All zeros
R/W
Read/Write
Number
PCR_INDEX
Table 220.
PCR field descriptions
Bits
Name
Description
31
OPC
Output port mode control
0 Reduced port mode configuration (minimum number of
nex_mdo[n:0] pins
defined by SOC)
1 Full port mode configuration (maximum number of
nex_mdo[n:0] pins
defined by SOC)
30
—
Reserved
29
MCK_EN
MCKO clock enable. See note below.
0
nex_mcko is disabled
1
nex_mcko is enabled
28–26
MCK_DIV
MCKO clock divide ratio
000
nex_mcko is 1x processor clock freq.
001
nex_mcko is 1/2x processor clock freq.
010 Reserved (default to 1/2x processor clock freq.)
011
nex_mcko is 1/4x processor clock freq.
100–110 Reserved (default to 1/2x processor clock freq.)
111
nex_mcko is 1/8x processor clock freq.
25–0
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com