Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 330 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 330 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 326Page - STMicroelectronics UM0434 Datasheet HTML 327Page - STMicroelectronics UM0434 Datasheet HTML 328Page - STMicroelectronics UM0434 Datasheet HTML 329Page - STMicroelectronics UM0434 Datasheet HTML 330Page - STMicroelectronics UM0434 Datasheet HTML 331Page - STMicroelectronics UM0434 Datasheet HTML 332Page - STMicroelectronics UM0434 Datasheet HTML 333Page - STMicroelectronics UM0434 Datasheet HTML 334Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 390 page
background image
UM0434
Nexus3 module
331/391
●
Registers for program trace, data trace, ownership trace, and watchpoint trigger
●
All features controllable and configurable through the JTAG port
Note:
Configuration of the message data out pins is controlled by the port control register at the
SoC level in multiple Nexus implementations. For single Nexus implementations, this
configuration is controlled by DC1 within the e200z3 Nexus3 module.
In either implementation, full port mode (FPM—maximum number of MDO pins) or reduced
port mode (RPM—minimum number of MDO pins) is supported. This setting should not be
changed while the system is running.
The configuration of the message start/end out pins, 1 or 2, is determined at the SOC
integration level. This option is hard-wired based on SOC bandwidth requirements.
Figure 72 shows the functional block diagram.
Figure 72.
Nexus3 functional block diagram
nex_mseo0_b
nex_mcko
Nexus3 Block
Nexus1 Block (within core CPU)
nex_mdo[n:0]
j_tdo
j_tdi
j_tms
j_tclk
j_trst_b
nex_evto_b
nex_rdy_b
nex_evti_b
nex_mseo1_b
N+1
nex_aux_req[1:0]
npc_aux_grant
2
Note: The nex_aux_req[1:0], npc_aux_grant and nex_aux_busy signals are used for inter-module
nex_aux_busy
communication in a multiple Nexus environment. They are not pins on the SoC.
ext_multi_nex_sel
Registers
DMA Registers
OnCE Debug
Breakpoint/
Watchpoint
Control
Memory
Control
Control/Status
t
Registers
Instruction
Snoop
I/O
Logic
Data
Snoop
DMA
(R/W)
Message
Queues



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com