Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 358 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 358 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 354Page - STMicroelectronics UM0434 Datasheet HTML 355Page - STMicroelectronics UM0434 Datasheet HTML 356Page - STMicroelectronics UM0434 Datasheet HTML 357Page - STMicroelectronics UM0434 Datasheet HTML 358Page - STMicroelectronics UM0434 Datasheet HTML 359Page - STMicroelectronics UM0434 Datasheet HTML 360Page - STMicroelectronics UM0434 Datasheet HTML 361Page - STMicroelectronics UM0434 Datasheet HTML 362Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 390 page
background image
UM0434
Nexus3 module
359/391
For branch history messages, I-CNT represents the number of instructions executed since
the last taken/non-taken direct branch, predicate instruction, last taken/not-taken indirect
branch, or exception. Branch instructions that trigger message generation are included in
the I-CNT. Instructions that generate history bits are not included in the I-CNT.
The sequential instruction counter overflows when its value reaches 255 and is reset to 0.
The next BTM message (corresponding to the 256th or later instruction) is converted to a
synchronization type message.
Program trace queueing
Nexus3 implements a programmable depth queue (a minimum of 32 entries is
recommended) for queuing all messages. Messages that enter the queue are transmitted
through the auxiliary pins in the order in which they are queued.
Note:
If multiple trace messages need to be queued at the same time, watchpoint messages have
the highest priority:
(WPM
→ OTM → BTM → DTM).
12.7.4
Program trace timing diagrams (2 MDO/1 MSEO Configuration)
Figure 74.
Program trace—indirect branch message (traditional)
Figure 75.
Program trace—indirect branch message (history)
00
01
00
00
00
00
00
00
10
01
01
10
10
TCODE = 4
Source processor = 0000
Number of sequential instructions = 128
Relative address = 0xA5
00
MCKO
MSEO_B
MDO[1:0]
00
11
01
00
00
00
01
01
10
10
01
01
10
TCODE = 28
Source processor = 0000
Number of sequential instructions = 0
Relative address = 0xA5
Branch history = 010100101 (w/ stop)
10
00
MCKO
MSEO_B
MDO[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com