Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 362 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 362 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 358Page - STMicroelectronics UM0434 Datasheet HTML 359Page - STMicroelectronics UM0434 Datasheet HTML 360Page - STMicroelectronics UM0434 Datasheet HTML 361Page - STMicroelectronics UM0434 Datasheet HTML 362Page - STMicroelectronics UM0434 Datasheet HTML 363Page - STMicroelectronics UM0434 Datasheet HTML 364Page - STMicroelectronics UM0434 Datasheet HTML 365Page - STMicroelectronics UM0434 Datasheet HTML 366Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 390 page
background image
UM0434
Nexus3 module
363/391
12.8.3
DTM operation
DTM queueing
Nexus3 implements a programmable depth queue (a minimum of 32 entries is
recommended) for queuing all messages. Messages that enter the queue are transmitted
through the auxiliary pins in the order in which they are queued.
Note:
If multiple trace messages need to be queued simultaneously, watchpoint messages have
the highest priority:
WPM
→ OTM → BTM → DTM. Up to two messages may be simultaneously queued.
Table 262.
Data trace exception summary
Exception condition
Exception handling
System reset negation
At the negation of JTAG reset (
j_trst_b), queue pointers, counters, state
machines, and registers within the Nexus3 module are reset. If data trace
is enabled, the first data trace message is a data write/read with
synchronization message.
Data trace enabled
The first data trace message (after data trace has been enabled) is a
synchronization message.
Exit from low
power/debug
Upon exit from a low-power mode or debug mode, the next data trace
message is converted to a data write/read with synchronization message.
Queue overrun
An error message occurs when a new message cannot be queued due to
the message queue being full. The FIFO discards messages until it has
completely emptied the queue. Once emptied, an error message is
queued. The error encoding indicates which type(s) of messages
attempted to be queued while the FIFO was being emptied. The next
DTM message in the queue will be a data write/read with synchronization
message.
Periodic data trace
synchronization
A forced synchronization occurs periodically after 255 data trace
messages have been queued. A data write/read with synchronization
message is queued. The periodic data trace message counter then
resets.
Event in
If the Nexus module is enabled, a
nex_evti_b assertion initiates a data
trace write/read with synchronization message upon the next data
write/read (if data trace is enabled and the EIC bits of the DC1 register
have enabled this feature).
Attempted access to
secure memory
For SOCs that implement security, any attempted read or write to secure
memory locations temporarily disables data trace and causes the
corresponding DTM to be lost. A subsequent read/write queues a data
trace read/write with a synchronization message.
Collision priority
All messages have the following priority: WPM
→ OTM → BTM → DTM.
A DTM message that attempts to enter the queue at the same time as a
watchpoint message or ownership trace message or branch trace
message will be lost. A subsequent read/write queues a data trace
read/write with a synchronization message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com