Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 359 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 359 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 355Page - STMicroelectronics UM0434 Datasheet HTML 356Page - STMicroelectronics UM0434 Datasheet HTML 357Page - STMicroelectronics UM0434 Datasheet HTML 358Page - STMicroelectronics UM0434 Datasheet HTML 359Page - STMicroelectronics UM0434 Datasheet HTML 360Page - STMicroelectronics UM0434 Datasheet HTML 361Page - STMicroelectronics UM0434 Datasheet HTML 362Page - STMicroelectronics UM0434 Datasheet HTML 363Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 390 page
background image
Nexus3 module
UM0434
360/391
Figure 76.
Program trace—direct branch (traditional) and error messages
Figure 77.
Program Trace—Indirect branch with synchronization message
12.8
Data trace
This section deals with the data trace mechanism supported by the Nexus3 module. Data
trace is implemented by means of data write messaging (DWM) and data read messaging
(DRM) in accordance with the
IEEE-ISTO 5001-2003 standard.
12.8.1
Data trace messaging (DTM)
Data trace messaging for the e200z3 is accomplished by snooping the e200z3 virtual data
bus between the CPU and MMU, and storing the information for qualifying access, based on
enabled features and matching target addresses. The Nexus3 module traces all data
accesses that meet the selected range and attributes.
Note:
Data trace is only performed on the e200z3 virtual data bus. This allows for data visibility for
e200z3 processors that incorporate a data cache. Only e200z3 CPU-initiated accesses are
traced. No DMA accesses to the AHB system bus are traced.
Data trace messaging can be enabled in one of two ways:
●
Setting DC1[TM] to enable data trace.
●
Using WT[DTS] to enable data trace on watchpoint hits. e200z3 watchpoints are
configured within the Nexus1 module.
Direct Branch
Error
11
00
00
00
00
11
00
00
10
00
00
00
01
DBM:
TCODE = 3
Source processor = 0000
Number of sequential instructions = 3
Error:
TCODE = 8
Source processor = 0000
Error code = 1 (Queue overrun—BTM only)
00
00
MCKO
MSEO_B
MDO[1:0]
00 11 00 00 00 11 10 11 00 11 10 10 11
TCODE = 12
Source processor = 0000
Number of sequential instructions = 3
Full target address = 0xDEADFACE
11 01 11 10 10 10 11 01
11 00
MCKO
MSEO_B
MDO[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com