| Electronic Components Datasheet Search |
|
UM0434 Datasheet(PDF) 361 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0434 Datasheet(HTML) 361 Page - STMicroelectronics |
|
361 / 390 page ![]() Nexus3 module UM0434 362/391 Data trace synchronization messages A data trace write/read with synchronization message is messaged through the auxiliary port, provided data trace is enabled, for the following conditions (see Table 262): ● Initial data trace message after exit from system reset or whenever data trace is enabled ● Upon returning from a CPU low-power state ● Upon returning from debug mode ● After occurrence of queue overrun (can be caused by any trace message), provided data trace is enabled ● After the periodic data trace counter has expired, indicating 255 data trace messages have occurred without synchronization since the last with-synchronization message occurred ● Upon assertion of the event-in nex_evti_b pin, the first data trace message is a synchronization message if the EIC bits of the DC1 register have enabled this feature. ● Upon data trace write/read after the previous DTM message was lost due to an attempted access to a secure memory location (for SOC’s with security) ● Upon data trace write/read after the previous DTM message was lost due to a collision entering the FIFO between the DTM message and any of the following: – watchpoint message – ownership trace message – branch trace message Data trace synchronization messages provide the full address, without leading zeros, and ensure that development tools fully synchronize with data trace regularly. Synchronization messages provide a reference address for subsequent DTMs, in which only the unique portion of the data trace address is transmitted. The format for data trace write/read with synchronization messages is as follows: Exception conditions that result in data trace synchronization are summarized in Table 262. Table 260. Error message format (5 bits) (4 bits) (6 bits) Error Code (00010/00111/01000 Source Process TCODE (001000) Fixed length = 15 bits Table 261. Data write/read with synchronization message format (1–64 bits) (1–32 bits) (3 bits) (4 bits) (6 bits) Data Value Full Address Data Size Source Process TCODE (001101 or 001110) Maximum length = 109 bit; Minimum length = 15 bits |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |