Electronic Components Datasheet Search
  English  ▼

X  

UM0434 Datasheet(PDF) 365 Page - STMicroelectronics

Part # UM0434
Description  The primary objective of this user?셲 manual is to describe
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0434 Datasheet(HTML) 365 Page - STMicroelectronics

Back Button UM0434 Datasheet HTML 361Page - STMicroelectronics UM0434 Datasheet HTML 362Page - STMicroelectronics UM0434 Datasheet HTML 363Page - STMicroelectronics UM0434 Datasheet HTML 364Page - STMicroelectronics UM0434 Datasheet HTML 365Page - STMicroelectronics UM0434 Datasheet HTML 366Page - STMicroelectronics UM0434 Datasheet HTML 367Page - STMicroelectronics UM0434 Datasheet HTML 368Page - STMicroelectronics UM0434 Datasheet HTML 369Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 390 page
background image
Nexus3 module
UM0434
366/391
12.9.2
Watchpoint messaging
Enabling watchpoint messaging is done by setting the watchpoint enable bit in the DC1
register. Setting the individual watchpoint sources is supported through the e200z3 Nexus1
module. The e200z3 Nexus1 module is capable of setting multiple address and/or data
watchpoints. Please refer to
Chapter 11: Debug support on page 296,” for details on
watchpoint initialization.
When these watchpoints occur, a watchpoint event signal from the Nexus1 module causes a
message to be sent to the queue to be messaged out. This message includes the
watchpoint number indicating which watchpoint caused the message.
The occurrence of any of the e200z3-defined watchpoints can be programmed to assert the
event out,
nex_evto_b, pin for one period of the output clock, nex_mcko; see Table 271 for
details on
nex_evto_b.
Watchpoint information is messaged out in the format shown in
Table 264:
Table 264.
Watchpoint message format.
12.9.3
Watchpoint error message
An error message occurs when the message queue is full and a new message cannot be
queued. The FIFO discards messages until it has completely emptied the queue. Once
emptied, an error message is queued. The error encoding indicates which types of
messages attempted to be queued while the FIFO was being emptied.
If only a watchpoint message attempts to enter the queue while it is being emptied, the error
message incorporates the watchpoint-only error encoding, 00110. If an OTM and/or
program trace and/or data trace message also attempts to enter the queue while it is being
emptied, the error message incorporates error encoding 01000.
Note:
DC1[OVC] can be set to delay the CPU in order to alleviate, but not eliminate, potential
overrun situations.
(8 bit)
(4 bits)
(6 bits)
Watchpoint Source
Source Process
TCODE (001111)
Fixed length = 18 bits
Table 265.
Watchpoint source encoding
Watchpoint source (8-Bits)
Watchpoint description
0000_0001
e200z3 watchpoint #0 (IAC1 from Nexus1)
0000_0010
e200z3 watchpoint #1 (IAC2 from Nexus1)
0000_0100
e200z3 watchpoint #2 (IAC3 from Nexus1)
0000_1000
e200z3 watchpoint #3 (IAC4 from Nexus1)
0001_0000
e200z3 watchpoint #4 (DAC1 from Nexus1)
0010_0000
e200z3 watchpoint #5 (DAC2 from Nexus1)
0100_0000
e200z3 watchpoint #6 (DCNT1 from Nexus1)
1000_0000
e200z3 watchpoint #7 (DCNT2 from Nexus1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com