Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 24 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 24 Page - NEC

Back Button UPD6466GS Datasheet HTML 20Page - NEC UPD6466GS Datasheet HTML 21Page - NEC UPD6466GS Datasheet HTML 22Page - NEC UPD6466GS Datasheet HTML 23Page - NEC UPD6466GS Datasheet HTML 24Page - NEC UPD6466GS Datasheet HTML 25Page - NEC UPD6466GS Datasheet HTML 26Page - NEC UPD6466GS Datasheet HTML 27Page - NEC UPD6466GS Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
24
µPD6466
(2) With LSB first (Use of each bit is the same as (1). The command is input from LSB (D0).)
(LSB)
(MSB)
D0
D1
D2
D3
D4
D5
D6
D7
BL0
BL1
LC
DO
1000
•
Blinking control (screen units)
The function selected by the initial setting command is controlled.
•
Blinking control (screen units)
Whether the characters written to the video RAM blink or not is controlled in screen units. The character
specified to blink by the display character control command blinks.
The blinking ratio is 1:1, and the blinking frequency can be selected from three types.
•
Left to right reverse control
The character specified to be reversed left to right by the display character control command is reversed
(this is valid only if character left to right reverse is selected by the initial setting command).
Display example of character specified to be reversed left to right (character “F” is displayed)
When left to right reverse is OFF
When left to right reverse is ON
•
LC oscillation control
The oscillation circuit can be turned ON/OFF by the oscillation control bit. Oscillation is stopped during the
period in which the characters are not displayed, to reduce the power consumption.
Nothing can be written to the video RAM while the oscillation is stopped. To write data to the video RAM,
be sure to turn ON oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com