Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 40 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 40 Page - NEC

Back Button UPD6466GS Datasheet HTML 36Page - NEC UPD6466GS Datasheet HTML 37Page - NEC UPD6466GS Datasheet HTML 38Page - NEC UPD6466GS Datasheet HTML 39Page - NEC UPD6466GS Datasheet HTML 40Page - NEC UPD6466GS Datasheet HTML 41Page - NEC UPD6466GS Datasheet HTML 42Page - NEC UPD6466GS Datasheet HTML 43Page - NEC UPD6466GS Datasheet HTML 44Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
40
µPD6466
•
Framing control
Whether a character is framed is specified in screen units.
Framing: If the rightmost or leftmost dots of the dot matrix forming a character are used, the frame is
displayed in the adjacent character display area. If the rightmost or leftmost dots of the dot matrix
are not used, the frame is displayed on the left or the right of, above, or upper or lower left or
right of the character. Even when the top or bottom dot is used, framing does not overlap the
line above or below. Dots other than those at the top or bottom of the dot matrix are framed
vertically, horizontally, and diagonally.
Character dots
Framing
The size of the framing is fixed to one dot of the minimum size even if the character size changes.
•
Background control
No background, blank background, or filled background can be selected in screen units. The background
color is selected by the background color/framing color control command.
No background
: Only character data is output.
Blank background : The background is displayed in the display area of the characters written to the video
RAM and the portion overlapping by one dot of the minimum size from the rightmost
and leftmost position of that area.
Filled background : In addition to the area where the background is displayed in the blank background
mode above, the background is displayed in the areas other than the character display
area.
•
Background and frame display in the case of RGB + VC1 + VC2 output
The portion of the character for which VC2 is specified by the display character control command is not output
to the RGB and VC1 channels. Therefore, even if a background (blank background or filled background)
is specified for the RGB or VC1 output, no background is displayed in the VC2-specified area. In addition,
no background is displayed at the portion of the character other than those specified by VC2 in the case
of VC2 output (for the details of display of VC2-specified character area for RGB and VC1 output, refer to 1.3
Display with RGB + VC1 + VC2 Pins and 1.3.4 Displaying characters specified by VC2).
When RGB + RGB compatible BLK output is selected, only the background control bit of RGB output is valid,
and the background control bit of VC1 output and VC2 output is invalid (when RGB + RGB compatible BLK
output is selected, the VC2 output pin is not used. The VC1 channel outputs the logical sum of the RGB
output).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com