Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 64 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 64 Page - NEC

Back Button UPD6466GS Datasheet HTML 60Page - NEC UPD6466GS Datasheet HTML 61Page - NEC UPD6466GS Datasheet HTML 62Page - NEC UPD6466GS Datasheet HTML 63Page - NEC UPD6466GS Datasheet HTML 64Page - NEC UPD6466GS Datasheet HTML 65Page - NEC UPD6466GS Datasheet HTML 66Page - NEC UPD6466GS Datasheet HTML 67Page - NEC UPD6466GS Datasheet HTML 68Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
64
µPD6466
Command Successive Input Permissible Time
Successively input commands under the following timing conditions:
(TA = –20 to +75
°C, VDD = 2.7 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Command successive
T1
Common to all commands
2.0
µs
input enable time
T2
Video RAM write
Display ON
LC oscillation
Note 1
µs
command
External clock
Note 2
Display OFF
2.0+19/fOSC
µs
fOSC: LC oscillation or external input clock frequency (MHz)
Notes 1.
(1) 2.0 + (14/fOSC)
× S1 + 19/fOSC + (1/fOSC) × S2 + tHWL
(2) 2.0 + (19/fOSC)
× S
S
: Character size (
×1 (MIN.) to ×4)
S1 : Horizontal character size before Hsync
S2 : Horizontal character size before Hsync
tHWL : Hsync width
Because the clock is not supplied to the internal circuitry during LC oscillation and Hsync, if Hsync is input
while the video RAM write command is executed, the width directly influences the execution time (1).
If Hsync is not input in the middle, the execution time is as (2) above.
Whether (1) or (2) is longer in time depending on the horizontal character size before and after Hsync and
Hsync width is not known. The longer time is the permissible minimum time.
2.
2.0 + 31/fOSC
(S = 1)
2.0 + (19/fOSC)
× S (S = 2, 3, 4)
The restriction of T2 is not applied to the commands other than the video RAM write command if the clock
cycle for control satisfies the specifications.
DATA
Hi-Z
Hi-Z
T1
T2
Hi-Z
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com