Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 31 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 31 Page - NEC

Back Button UPD6466GS Datasheet HTML 27Page - NEC UPD6466GS Datasheet HTML 28Page - NEC UPD6466GS Datasheet HTML 29Page - NEC UPD6466GS Datasheet HTML 30Page - NEC UPD6466GS Datasheet HTML 31Page - NEC UPD6466GS Datasheet HTML 32Page - NEC UPD6466GS Datasheet HTML 33Page - NEC UPD6466GS Datasheet HTML 34Page - NEC UPD6466GS Datasheet HTML 35Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
31
µPD6466
3.7 Character Address Bank Select Command
This command selects the area of the character address specified by the character address specification bit of the
display character control command.
(1) With MSB first (The command is input from MSB (D7).)
D7
D6
D5
D4
D3
D2
D1
D0
0111111
BC
(MSB)
(LSB)
Character address bank select control bit
Function
Low-order bank (0)
High-order bank (1)
BC
0
1
(2) With LSB first (Use of each bit is the same as (1). The command is input from LSB (D0).)
(LSB)
(MSB)
D0
D1
D2
D3
D4
D5
D6
D7
BC
111111
0
If the low-order bank (0) is specified by the 8-bit data (the second byte of the display character control
command) of the character data, character addresses 00H through FFH (common addresses 000H through
0FFH) of the low-order (0) bank are specified. If the high-order bank (1) is specified, character addresses 00H
through FFH (common addresses 100H through 1FFH) of the high-order (1) bank are specified.
If FEH is specified at the character address of the display character control command for both banks, the
command can be used as the Display Off code. If FFH is specified, it can be used as a 2-byte successive
command end code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com