Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 37 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 37 Page - NEC

Back Button UPD6466GS Datasheet HTML 33Page - NEC UPD6466GS Datasheet HTML 34Page - NEC UPD6466GS Datasheet HTML 35Page - NEC UPD6466GS Datasheet HTML 36Page - NEC UPD6466GS Datasheet HTML 37Page - NEC UPD6466GS Datasheet HTML 38Page - NEC UPD6466GS Datasheet HTML 39Page - NEC UPD6466GS Datasheet HTML 40Page - NEC UPD6466GS Datasheet HTML 41Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
37
µPD6466
3.11 Output Pin Control Command
This command selects the format of pin output of the option (A, B, or C) specified by the initial status setting
command (because this is a 2-byte command, input of 16 bits is necessary if this command is input more than once
successively).
Remark
This command is invalid when RGB + RGB compatible BLK output is selected.
(1) With MSB first (The command is input from MSB (D15).)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
10011100
OD1
OD0
00
AR3
AR2
AR1
AR0
(MSB)
(LSB)
Row specification bit
Function
Sets row 0
Sets row 1
Sets row 11
Setting prohibited
AR3
0
0
1
AR2
0
0
0
AR1
0
0
1
AR0
0
1
1
Output pin control bit
Pin output
VC1: Outputs specified row, VC2: Fixed to low level
VC1: Fixed to low level, VC2: Outputs specified row
OD1
0
0
OD0
0
1
Option A
Output pin control bit
Pin output
VC1: Outputs all rows, VC2: Fixed to low level
VC1: Outputs all rows, VC2: Outputs specified row
OD1
0
0
OD0
0
1
Option B
Output pin control bit
Pin output
VC1: Outputs columns 0-23, VC2: Fixed to low level
VC1: Outputs columns 0-11, VC2: Outputs columns 12-23
VC1: Outputs columns 12-23, VC2: Outputs columns 0-11
VC1: Fixed to low level, VC2: Outputs columns 0-23
OD1
0
0
1
1
OD0
0
1
0
1
Option C
(2) With LSB first (Use of each bit is the same as (1). The command is input from LSB (D0).)
(LSB)
(MSB)
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
00111
0
0
1
AR0
AR1
AR2
AR3
0
0
OD0 OD1
•
Row specification control
Specify to which of the VC1 or VC2 pin the character signal is to be output in row units (or 12-column units).
•
Output pin control
Output of the VC1 and VC2 pin can be selected from A, B, or C by using the initial status setting command
(the blanking signal is output in the same manner).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com