Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 61 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 61 Page - NEC

Back Button UPD6466GS Datasheet HTML 57Page - NEC UPD6466GS Datasheet HTML 58Page - NEC UPD6466GS Datasheet HTML 59Page - NEC UPD6466GS Datasheet HTML 60Page - NEC UPD6466GS Datasheet HTML 61Page - NEC UPD6466GS Datasheet HTML 62Page - NEC UPD6466GS Datasheet HTML 63Page - NEC UPD6466GS Datasheet HTML 64Page - NEC UPD6466GS Datasheet HTML 65Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 70 page
background image
61
µPD6466
Recommended Operation Timing (TA = –20 to +75
°C, VDD = 2.7 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Setup time
tSET
200
ns
Hold time
tHOLD
200
ns
Minimum clock low-level width
tCKL
400
ns
Minimum clock high-level width
tCKH
400
ns
Clock cycle
tTCK
1.0
µs
CS setup time
tCSS
400
ns
CS hold time
tCSH
400
ns
Minimum Hsync low-level width
tHWL
4
µs
Minimum Vsync low-level width
tVWL
4
µs
10 %
tHWL
Hsync
10 %
tVWL
Vsync
CS
CLK
DATA
tCSH
90 %
tCKH
tCKL
tCSS
tTCK
10 %
10 %
90 %
90 %
tSET
tHOLD
10 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com