Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 65 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 65 Page - NEC

Back Button UPD6466GS Datasheet HTML 61Page - NEC UPD6466GS Datasheet HTML 62Page - NEC UPD6466GS Datasheet HTML 63Page - NEC UPD6466GS Datasheet HTML 64Page - NEC UPD6466GS Datasheet HTML 65Page - NEC UPD6466GS Datasheet HTML 66Page - NEC UPD6466GS Datasheet HTML 67Page - NEC UPD6466GS Datasheet HTML 68Page - NEC UPD6466GS Datasheet HTML 69Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
65
µPD6466
7. APPLICATION CIRCUIT EXAMPLE
CLK
CS
DATA
PCL
VDD
CMDCT
OSCOUT
OSCIN
TEST
GND
Hsync
Vsync
VB
VG
VR
VBLK
VC2
BLK2
VC1
BLK1
Note 4(BBLK)
Note 4(GBLK)
Note 4(RBLK)
PD6466GS/GT
µ
20 (24)
19 (23)
18 (21)
17 (20)
16 (19)
15 (18)
14 (17)
13 (16)
12 (15)
11 (14)
Output
Inputs a negative Hsync
or Vsync signal
1 (1)
2 (2)
3 (4)
4 (5)
5 (6)
6 (7)
7 (8)Note 3
8 (9)Note 3
9 (10)
10 (11)
Connected to microcomputer
VDD
10 F
µ
100 k
Ω
10 F
µ
Note 1
0.01 F
µ
+
+
VDD
Note 2
Note 5
33 F
µ
5 to 30 pF
30 pF
MSB first
LSB first
LC module
pin No. 1
LC module
pin No. 3
Notes 1.
CR constant must be satisfied with Power-ON Clear Specification (refer to 6. ELECTRICAL
CHARACTERISTICS).
2.
This circuit can reduce the number of external components and facilitates the adjustment of oscillation
frequency, using LC module (part number: Q285NCIS-11181, manufactured by Toko, Inc.)
3.
Connect these pins as follows when inputting external clock:
OSCIN pin: external clock input, OSCOUT pin: open
4.
Signals in ( ) are set by using an initial status setting command (RGB + RGB compatible blanking).
5.
When this connection is open, LSB first is selected.
Remarks 1. The number in the parentheses indicates the pin number of the
µPD6466GT-xxx.
2. With the
µPD6466GT-xxx, influence by noise via lead frame can be surpressed by connecting the
N.C. pins (3, 12, 13, 22) to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com