Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 28 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 28 Page - NEC

Back Button UPD6466GS Datasheet HTML 24Page - NEC UPD6466GS Datasheet HTML 25Page - NEC UPD6466GS Datasheet HTML 26Page - NEC UPD6466GS Datasheet HTML 27Page - NEC UPD6466GS Datasheet HTML 28Page - NEC UPD6466GS Datasheet HTML 29Page - NEC UPD6466GS Datasheet HTML 30Page - NEC UPD6466GS Datasheet HTML 31Page - NEC UPD6466GS Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
28
µPD6466
3.5 Character Color Reverse ON/OFF Command
This command specifies reversal of character color in screen units.
(1) With MSB first (The command is input from MSB (D7).)
D7
D6
D5
D4
D3
D2
D1
D0
0011100
BCRE
(MSB)
(LSB)
BCRE
0
1
Function
Character color not reversed
Character color reversed
Character color reverse control bit
(2) With LSB first (Use of each bit is the same as (1). The command is input from LSB (D0).)
(LSB)
(MSB)
D0
D1
D2
D3
D4
D5
D6
D7
BCRE
0011100
The color of the character specified by the display character control command is reversed for the whole screen
with the reverse specifications (character color: black or white) specified by the initial status setting command.
Example of display of reversed character (example of reversing character “I”)
or
No framing
Framing
Color reverse OFF
Color reverse ON
Character color: Black, no framing
Character color: White, no framing
Selected from two
types by initial
setting command
Character
color with
reverse OFF
Character color: White, black frame
or
Specification of framing is invalid for black character.
Specification of framing is invalid for white character.
Character color
with reverse OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com