Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 30 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 30 Page - NEC

Back Button UPD6466GS Datasheet HTML 26Page - NEC UPD6466GS Datasheet HTML 27Page - NEC UPD6466GS Datasheet HTML 28Page - NEC UPD6466GS Datasheet HTML 29Page - NEC UPD6466GS Datasheet HTML 30Page - NEC UPD6466GS Datasheet HTML 31Page - NEC UPD6466GS Datasheet HTML 32Page - NEC UPD6466GS Datasheet HTML 33Page - NEC UPD6466GS Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
30
µPD6466
3.6 Blue Back ON/OFF Command
This command turns ON/OFF the blue back function in screen units.
(1) With MSB first (The command is input from MSB (D7).)
(MSB)
(LSB)
D7
D0
0BB
D6
1
D5
1
D4
1
D3
1
D2
CLR
D1
0
Blue back control bit
BB
0
1
Function
Blue back OFF
Blue back ON
Color specification bit
CLR
0
1
Function
White
Blue
(2) With LSB first (Use of each bit is the same as (1). The command is input from LSB (D0).)
(LSB)
(MSB)
D0
D1
D2
D3
D4
D5
D6
D7
BB
0
CLR
11110
By turning ON the blue back function, the character, framing, and area where no background is output are all
displayed in blue. This command is valid only for RGB output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com