Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 66 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 66 Page - NEC

Back Button UPD6466GS Datasheet HTML 62Page - NEC UPD6466GS Datasheet HTML 63Page - NEC UPD6466GS Datasheet HTML 64Page - NEC UPD6466GS Datasheet HTML 65Page - NEC UPD6466GS Datasheet HTML 66Page - NEC UPD6466GS Datasheet HTML 67Page - NEC UPD6466GS Datasheet HTML 68Page - NEC UPD6466GS Datasheet HTML 69Page - NEC UPD6466GS Datasheet HTML 70Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 66 / 70 page
background image
66
µPD6466
8. PACKAGE DRAWINGS
NS
C
D
M
M
P
F
G
E
B
L
K
J
detail of lead end
20 PIN PLASTIC SHRINK SOP (300 mil)
NOTE
2. Each lead centerline is located within 0.12 mm (0.005 inch) of
its true position (T.P.) at maximum material condition.
P20GM-65-300B-3
ITEM
MILLIMETERS
INCHES
A
B
C
D
E
F
G
H
I
J
0.65 (T.P.)
2.0 MAX.
1.7±0.1
8.1±0.3
0.575 MAX.
K
L
0.12
0.5±0.2
1.0±0.2
6.1±0.2
0.15
M
0.10
0.32
0.125±0.075
N
+0.10
–0.05
0.023 MAX.
0.013
0.005±0.003
0.079 MAX.
0.067
0.319±0.012
0.240±0.008
0.039
0.006
0.020
0.005
0.004
+0.008
–0.009
0.026 (T.P.)
P
3°
3°
+0.004
–0.005
+0.004
–0.002
6.7±0.3
0.264+0.012
–0.013
1. Controlling dimension
millimeter.
S
+0.003
–0.004
+0.08
–0.07
+7°
–3°
+7°
–3°
+0.009
–0.008
20
11
110
A
H
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com