Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 19 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 19 Page - NEC

Back Button UPD6466GS Datasheet HTML 15Page - NEC UPD6466GS Datasheet HTML 16Page - NEC UPD6466GS Datasheet HTML 17Page - NEC UPD6466GS Datasheet HTML 18Page - NEC UPD6466GS Datasheet HTML 19Page - NEC UPD6466GS Datasheet HTML 20Page - NEC UPD6466GS Datasheet HTML 21Page - NEC UPD6466GS Datasheet HTML 22Page - NEC UPD6466GS Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
19
µPD6466
2. COMMAND
2.1 Command Format
Control commands can be serially input in 8-bit units. The word length of a command is variable.
Three types of commands are available: 1-byte commands that consist of 8 bits including the instruction and data,
2-byte commands, and 2-byte successive commands that can be input in an abbreviated form.
Inputting command data with the MSB first or LSB first can be selected by using the CMDCT pin.
When the CMDCT pin is high, the data is input with the MSB first; when it is low, the data is input with the LSB
first.
2.2 Command List
(1) MSB first
1-byte commands
(MSB)
Function
D7
D6
D5
D4
D3
D2
D1
D0
Video RAM batch clear
00000000
Display control
0001
DO
LC
BL1
BL0
Background color/frame color control
0010
R
G
B
BFC
3-channel independent display ON/OFF
01110
DOA
DOB
DOC
Character color reverse ON/OFF
0111100
BCRE
Blue back ON/OFF
01111
CLR
0
BB
Character address bank select
0111111
BC
Output switch control
0
1
0
S3A
S3B
SW4
SW2
SW1
2-byte commands
(MSB)
Function
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Character display position control
100000
V4
V3
V2
V1
V0
H4
H3
H2
H1
H0
Write address control
1000100
AR3 AR2 AR1 AR0 AC4 AC3 AC2 AC1 AC0
Output pin control
10011100
OD1 OD0
00
AR3 AR2 AR1 AR0
Character size control
100110
SV1 SV0 SH1 SH0
00
AR3 AR2 AR1 AR0
3-channel background control
1011001
BA1 BA0 BFA BB1 BB0 BFB BC1 BC0 BFC
Initial status setting
101101000
BR
RS OP1 OP0 COC VST OSC
Test modeNote
10110000
T7
T6
T5
T4
T3
T2
T1
T0
Note
Must not be used.
2-byte successive command
(MSB)
Function
D15 D14 D13 D12 D11 D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Display character control
1
1
RV
R
G
B
BL
VC2
C7
C6
C5
C4
C3
C2
C1
C0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com