Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 63 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 63 Page - NEC

Back Button UPD6466GS Datasheet HTML 59Page - NEC UPD6466GS Datasheet HTML 60Page - NEC UPD6466GS Datasheet HTML 61Page - NEC UPD6466GS Datasheet HTML 62Page - NEC UPD6466GS Datasheet HTML 63Page - NEC UPD6466GS Datasheet HTML 64Page - NEC UPD6466GS Datasheet HTML 65Page - NEC UPD6466GS Datasheet HTML 66Page - NEC UPD6466GS Datasheet HTML 67Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
63
µPD6466
Character and BLK Signal Output
Characters and BLK signal are output in synchronization with the falling of the dot clock.
CDS
CUS
DTW
CDL
50 %
50 %
10 %
90 %
External
input clock
Character signal
BLK signal
Output Timing (TA = –20 to +75
°C, pins: VR, VG, VB, VBLK, VC1, BLK1, VC2, BLK2, (RBLK, GBLK, BBLK))
( ): Set by initial status setting command
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Character/BLK signal output delay
CDL
VDD = 4.5 to 5.5 V, output load capacitance = 10 pF
10
18
30
ns
Character/BLK signal output delay
CDL
VDD = 2.7 to 3.3 V, output load capacitance = 10 pF
15
35
80
ns
Character/BLK signal rise time
CUS
VDD = 4.5 to 5.5 V, output load capacitance = 10 pF
2
10
ns
Character/BLK signal rise time
CUS
VDD = 2.7 to 3.3 V, output load capacitance = 10 pF
4
25
ns
Character/BLK signal falling
CDS
VDD = 4.5 to 5.5 V, output load capacitance = 10 pF
2
10
ns
Character/BLK signal falling
CDS
VDD = 2.7 to 3.3 V, output load capacitance = 10 pF
4
25
ns
Minimum size of 1 dot width
DTW
VDD = 4.5 to 5.5 V, output load capacitance = 10 pF (1/oscillation frequency (MHz))
±5ns
Minimum size of 1 dot width
DTW
VDD = 2.7 to 3.3 V, output load capacitance = 10 pF (1/oscillation frequency (MHz))
±5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com