| Electronic Components Datasheet Search |
|
UPD6466GS Datasheet(PDF) 14 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6466GS Datasheet(HTML) 14 Page - NEC |
|
14 / 70 page ![]() 14 µPD6466 Output with option C Output pin control bit OD1 OD0 Pin output 00 VC1: Outputs columns 0-23, VC2: Fixed to low level (1) 01 VC1: Outputs columns 0-11, VC2: Outputs columns 12-23 (2) 10 VC1: Outputs columns 12-23, VC2: Outputs columns 0-11 (3) 11 VC1: Fixed to low level, VC2: Outputs columns 0-23 (4) Output Character signal Background signal (with background specified) In the case of (1) VC1 output Outputs character signal resulting from Outputs background signal to area other ORing VR, VG, and VB pins (columns 0-23 of than that specified by VC2. specified row). However, character specified by VC2 is not output. VC2 output Fixed to low level (specified row) Outputs background signal to only area specified by VC2. In the case of (2) VC1 output Outputs character signals resulting from Outputs background signal to area other ORing VR, VG, and VB pins (columns 0-11 of than that specified by VC2. specified row). However, character specified by VC2 is not output. VC2 output Outputs character specified by VC2 (columns Outputs background signal to only area 12-23 of specified row). specified by VC2. In the case of (3) VC1 output Outputs character signal resulting from Outputs background signal to area other ORing VR, VG, and VB pins (columns 12-23 of than that specified by VC2. specified row). However, character specified by VC2 is not output. VC2 output Outputs character specified by VC2 (columns Outputs background signal to only area 0-11 of specified row). specified by VC2. In the case of (4) VC1 output Fixed to low level (specified row) Outputs background signal to area other than that specified by VC2. VC2 output Outputs character specified by VC2 (columns Outputs background signal to only area 0-23 of specified row). specified by VC2. The signal of the character specified by VC2 is not output from the RGB or VC1 output channel, but the background is output as described above. When the µPD6466 is set to output RGB, VC1, or VC2 signal, the following setting can be performed as well as the above output control. • Independent ON/OFF control of character display of each channel (3-channel independent display ON/OFF command) • Independent background control of each channel (3-channel background control command) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |