Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 36 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 36 Page - NEC

Back Button UPD6466GS Datasheet HTML 32Page - NEC UPD6466GS Datasheet HTML 33Page - NEC UPD6466GS Datasheet HTML 34Page - NEC UPD6466GS Datasheet HTML 35Page - NEC UPD6466GS Datasheet HTML 36Page - NEC UPD6466GS Datasheet HTML 37Page - NEC UPD6466GS Datasheet HTML 38Page - NEC UPD6466GS Datasheet HTML 39Page - NEC UPD6466GS Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
36
µPD6466
3.10 Write Address Control Command
This command is used to specify a write address when characters are written to the display area (video RAM) of
12 rows and 24 columns (because this command is a 2-byte command, input of 16 bits is necessary when this
command is input more than once successively).
(1) With MSB first (The command is input from MSB (D15).)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1000100
AR3
AR2
AR1
AR0
AC4
AC3
AC2
AC1
AC0
(MSB)
(LSB)
Write column address control bit
Function
Sets column 0
Sets column 1
Sets column 23
Setting prohibited
AC4
0
0
1
AC3
0
0
0
AC2
0
0
1
AC1
0
0
1
Write row address control bit
Function
Sets row 0
Sets row 1
Sets row 11
Setting prohibited
AR3
0
0
1
AR2
0
0
0
AR1
0
0
1
AR0
0
1
1
AC0
0
1
1
(2) With LSB first (Use of each bit is the same as (1). The command is input from LSB (D0).)
(LSB)
(MSB)
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
AR3
0010001
AC0
AC1
AC2 AC3
AC4 AR0
AR1
AR2
•
Write column address control
One row consists of 24 columns in the horizontal direction. Specify to which column data is to be written.
•
Write row address control
One column consists of 12 rows in the vertical direction. Specify to which row data is to be written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com