Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 27 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 27 Page - NEC

Back Button UPD6466GS Datasheet HTML 23Page - NEC UPD6466GS Datasheet HTML 24Page - NEC UPD6466GS Datasheet HTML 25Page - NEC UPD6466GS Datasheet HTML 26Page - NEC UPD6466GS Datasheet HTML 27Page - NEC UPD6466GS Datasheet HTML 28Page - NEC UPD6466GS Datasheet HTML 29Page - NEC UPD6466GS Datasheet HTML 30Page - NEC UPD6466GS Datasheet HTML 31Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
27
µPD6466
3.4 3-Channel Independent Display ON/OFF Command
This command can turn ON/OFF the display of character output of 3 channels independently.
(1) With MSB first (The command is input from MSB (D7).)
D7
D6
D5
D4
D3
D2
D1
D0
01110
DOA
DOB
DOC
(MSB)
(LSB)
Control bit
DOA
DOB
DOC
0
1
0
1
0
1
DOA
DOB
DOC
0
1
–
–
Control bit
Function
RGB display OFF
RGB display ON
VC1 display OFF
VC1 display ON
VC2 display OFF
VC2 display ON
Function
Character display OFF
Character display ON
Don't care
Don't care
With support of RGB/VC1/VC2 output selected
With R/G/B/3BLK output selected
(2) With LSB first (Use of each bit is the same as (1). The command is input from LSB (D0).)
(LSB)
(MSB)
D0
D1
D2
D3
D4
D5
D6
D7
DOC DOB DOA
01110
•
Displaying the character signal of the 3 channels (RGB, VC1, and VC2) can be independently turned ON/
OFF.
When RGB + RGB compatible BLK is selected, it is controlled by the display ON/OFF command.
•
Turning ON display each output channel by using this command is valid only when the display is turned
ON by the display control command.
•
If the display is turned OFF by the display control command, the display remains OFF even if it is specified
to be ON by this command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com