Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 50 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 50 Page - NEC

Back Button UPD6466GS Datasheet HTML 46Page - NEC UPD6466GS Datasheet HTML 47Page - NEC UPD6466GS Datasheet HTML 48Page - NEC UPD6466GS Datasheet HTML 49Page - NEC UPD6466GS Datasheet HTML 50Page - NEC UPD6466GS Datasheet HTML 51Page - NEC UPD6466GS Datasheet HTML 52Page - NEC UPD6466GS Datasheet HTML 53Page - NEC UPD6466GS Datasheet HTML 54Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
50
µPD6466
4.3 2-Byte Successive Commands
D15-D8
MSB first
DATA
D0-D7
D7-D0
D8-D15
1st byte
2nd byte
1st byte
2nd byte
DATA
CLK
CS
LSB first
D7-D0
D8-D15
2nd byte
2nd byte
The 2-byte successive command writes characters to the video RAM. To successively write characters without
changing the blinking data, reverse specification data, and VC2 specification data, first transfer the first byte and then
transfer the second byte (character address).
To change the contents of the above data, change the contents of the data and then input the command from the
first byte after terminating the 2-byte successive command once (by either making CS high or transferring the 2-byte
successive command end code).
However, the command cannot be transferred successively across banks.
When the low-order bank is selected, the command can be transferred successively in a character address range
of 000H to 0FFH; when the high-order bank is selected, the character address range is from 100H to 1FFH.
It is recommended that characters that are frequently used be stored to both the high-order and low-order banks.
To write a character that across the banks, complete successive transfer once, and then transfer the command
from the first byte after changing the bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com