Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 6 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 6 Page - NEC

Back Button UPD6466GS Datasheet HTML 2Page - NEC UPD6466GS Datasheet HTML 3Page - NEC UPD6466GS Datasheet HTML 4Page - NEC UPD6466GS Datasheet HTML 5Page - NEC UPD6466GS Datasheet HTML 6Page - NEC UPD6466GS Datasheet HTML 7Page - NEC UPD6466GS Datasheet HTML 8Page - NEC UPD6466GS Datasheet HTML 9Page - NEC UPD6466GS Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
6
µPD6466
PIN FUNCTIONS
Pin No.Note 1
Pin
Pin NameNote 2
Function
SymbolNote 2
1
CLK
Clock input
This pin inputs a clock for reading data. Data input to the DATA pin
is read at the rising edge of this clock.
2
CS
Chip select input
Serial transfer can be accepted if this pin is made low.
3 (4)
DATA
Serial data input
This pin inputs control data. Data is read in synchronization with the
clock input to the CLK pin.
4 (5)
PCL
Power-ON clear
This pin, when high, initializes the internal circuitry of the IC on power
application.
5 (6)
VDD
Power supply
This pin supplies power.
6 (7)
CMDCT
Command specification
This pin selects whether a command is input with the LSB first or MSB
select
first.
When this pin is low, the command is input with the LSB first; when
it is high, the command is input with the MSB first. To input the
command with the LSB first, this pin may be opened.
7 (8)
OSCOUT
LC oscillation I/O
These are an input and an output pin for an oscillation circuit that
8 (9)
OSCIN
(OSCIN: external clock
generates a dot clock.
input)
A coil and capacitor for oscillation are connected to these pins. (If
the input of an external clock is selected by the initial status setting
command, an external clock (clock synchronized with Hsync) is input.
OSCOUT is opened at this time.)
9 (10)
TEST
Test pin
This pin is used to test the IC. Normally, connect this pin to GND.
When the TEST pin is connected to GND, the test mode is not set.
10 (11)
GND
Ground pin
Connect this pin to GND of the system.
11 (14)
BLK1
Blanking signal output 1
This pin outputs a blanking signal to cut the video signal.
It supports output of VC1, and is high-active.
(If RGB compatible blanking is selected by a command, this pin
outputs the logical sum of RBLK, GBLK, and BBLK.)
12 (15)
VC1
Character signal output 1
This pin outputs a character signal, and is high-active.
(If RGB compatible blanking is selected by a command, this pin
outputs the logical sum of VR, VG, and VB.)
13 (16)
BLK2
Blanking signal output 2
This pin outputs a blanking signal to cut the video signal. It supports
(RBLK)
(blanking R)
output of VC2, and is high-active.
(This pin outputs a blanking signal supporting output of VR and is
high-active.)
14 (17)
VC2
Character signal output 2
This pin outputs a character signal, and is high-active.
(GBLK)
(blanking G)
(This pin outputs a blanking signal supporting output of VG and is
high-active.)
15 (18)
VBLK
Blanking signal output
This pin outputs a blanking signal to cut the video signal. It supports
(BBLK)
(blanking B)
output of VR, VG, and VB, and is high-active (this pin outputs a blanking
signal supporting output of VB and is high-active).
16 (19)
VR
Character signal output
This pin outputs a character signal, and is high-active.
17 (20)
VG
18 (21)
VB
19 (23)
Vsync
Vertical sync signal input
This pin inputs a vertical sync signal. Input a negative sync signal.
20 (24)
Hsync
Horizontal sync signal input
This pin inputs a horizontal sync signal. Input a negative sync signal.
(3, 12, 13, 22)
N.C.
Vacant
Vacant pin
Notes 1.
( ): Pin numbers of
µPD6466GT-xxx
2.
Signals in ( ) are set by the initial status setting command (RGB + RGB compatible blanking).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com