Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 35 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 35 Page - NEC

Back Button UPD6466GS Datasheet HTML 31Page - NEC UPD6466GS Datasheet HTML 32Page - NEC UPD6466GS Datasheet HTML 33Page - NEC UPD6466GS Datasheet HTML 34Page - NEC UPD6466GS Datasheet HTML 35Page - NEC UPD6466GS Datasheet HTML 36Page - NEC UPD6466GS Datasheet HTML 37Page - NEC UPD6466GS Datasheet HTML 38Page - NEC UPD6466GS Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
35
µPD6466
•
Horizontal display start position control
The horizontal display start position can be set in 32 steps in units of 3 dots (3/fOSC (MHz)) 22 clocks (22/
fOSC (MHz)) after the rising of the horizontal sync signal input to the Hsync pin (fOSC: LC oscillation frequency
or external input clock frequency).
•
Vertical display start position control
The vertical display start position can be set in 32 steps in units of 3 or 9 rows (refer to 3.14 Initial Status
Setting Command) from the rising of the vertical sync signal input to the Vsync pin.
B
A
Vertical sync signal (Vsync)
Horizontal sync signal (Hsync)
Display area: 12 rows, 24 columns
A : 3H
× (24V4 + 23V3 + 22V2 + 21V1 + 20V0) + 2H
B :
× (24H4 + 23 H3 + 22H2 + 21H1 + 20H0) +
fosc(MHz)
3
fosc(MHz)
22
9H if 9H unit is selected by the initial status setting command.
fOSC: LC oscillation frequency or external input clock frequency, H: row



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com