Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 62 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 62 Page - NEC

Back Button UPD6466GS Datasheet HTML 58Page - NEC UPD6466GS Datasheet HTML 59Page - NEC UPD6466GS Datasheet HTML 60Page - NEC UPD6466GS Datasheet HTML 61Page - NEC UPD6466GS Datasheet HTML 62Page - NEC UPD6466GS Datasheet HTML 63Page - NEC UPD6466GS Datasheet HTML 64Page - NEC UPD6466GS Datasheet HTML 65Page - NEC UPD6466GS Datasheet HTML 66Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 70 page
background image
62
µPD6466
Power-ON Clear Specifications
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
PCL pin low retention period
tPCLL
10
µs
tPCLL
0.8 VDD
0 V
0 V
VDD
VDD
0.16 VDD
VDD
PCL
External clock input
External clock input timing (valid when selected by initial status setting command)
tC-H
50 %
tH-C
50 %
tS
10 %
90 %
Hsync
External
input clock
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
External clock falling
tC-H
30
ns
→ sync signal rise time
Sync signal rise time
tH-C
30
ns
→ external clock falling
tS (rising slew rate)
tS
Note
ns
Note
10% of cycle of external clock
Example
Where the external clock frequency is 8 MHz
Clock cycle = 125 ns
12.5 ns (MAX.) because 125 ns
× 10% (MAX.)
Remarks 1. Always keep the phase relation between the rising of Hsync and external input clock.
2. Make sure that noise of greater than 100 ns is not superimposed on the input of Hsync.
3. Keep the OSCOUT pin open when the external clock is input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com