Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 44 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 44 Page - NEC

Back Button UPD6466GS Datasheet HTML 40Page - NEC UPD6466GS Datasheet HTML 41Page - NEC UPD6466GS Datasheet HTML 42Page - NEC UPD6466GS Datasheet HTML 43Page - NEC UPD6466GS Datasheet HTML 44Page - NEC UPD6466GS Datasheet HTML 45Page - NEC UPD6466GS Datasheet HTML 46Page - NEC UPD6466GS Datasheet HTML 47Page - NEC UPD6466GS Datasheet HTML 48Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
44
µPD6466
This command sets the information selected by a mask code option in the
µPD6461 and 6462.
The default setting is as follows:
OSC
= 0
: LC oscillation
VST
= 0
: 3-row units
COC
= 0
: RGB + VC1 + VC2
(OP1, OP0) = (0, 1) : Option B
RS
= 0
: Black character
BR
= 0
: Character blinks
•
Dot clock control
The dot clock for character display is set.
The dot clock is selected from LC oscillation and external clock input.
•
Vertical display start position control
The character display start position and setting accuracy are set.
The setting accuracy is selected from 3 rows and 9 rows.
•
Pin selection control
The output pins of the character and blanking signals are set.
The output pins are selected from the following two types:
•
RGB + VC1 + VC2
: Signal output pins = VR, VG, VB, VBLK, VC1, BLK1, VC2, BLK2
•
RGB + RGB compatible BLK : Signal output pins = VR, VG, VB, RBLK, GBLK, BBLK, VC1, BLK1
•
Output selection control
The output formats of VC1 and VC2 are set.
The output formats are selected from options A, B, and C (refer to 1.3 Display with RGB + VC1 + VC2 Pins).
The output formats are set only when RGB + VC1 + VC2 is selected by means of pin selection control. Select
option B when RGB + RGB compatible BLK is selected.
•
Character color reverse control
The character when color displayed is turned ON is specified.
Select the character from black character (with frame specification invalid) or white character (with frame
specification valid) (refer to 3.5 Character Color Reverse ON/OFF Command).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com