Electronic Components Datasheet Search
  English  ▼

X  

UPD6466GS Datasheet(PDF) 60 Page - NEC

Part # UPD6466GS
Description  ON-SCREEN CHARACTER DISPLAY CMOS IC FOR 512-CHARACTER, 12-ROW, 24-COLUMN, CAMERA-CONTAINED VCR
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6466GS Datasheet(HTML) 60 Page - NEC

Back Button UPD6466GS Datasheet HTML 56Page - NEC UPD6466GS Datasheet HTML 57Page - NEC UPD6466GS Datasheet HTML 58Page - NEC UPD6466GS Datasheet HTML 59Page - NEC UPD6466GS Datasheet HTML 60Page - NEC UPD6466GS Datasheet HTML 61Page - NEC UPD6466GS Datasheet HTML 62Page - NEC UPD6466GS Datasheet HTML 63Page - NEC UPD6466GS Datasheet HTML 64Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
60
µPD6466
6. ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Supply voltage
VDD
7V
Input pin voltage
VIN
–0.3 to VDD + 0.3
V
Output pin voltage
VOUT
–0.3 to VDD + 0.3
V
Operating ambient temperature
TA
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Output current
IO
±5mA
Caution Exposure to Absolute Maximum Ratings for extended periods may affect device reliability; exceeding
the ratings could cause permanent damage. The parameters apply independently. The device
should be operated within the limits specified under DC and AC Characteristics.
Recommended Operating Range
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply voltage range
VDD
2.7
5.5
V
Oscillation frequency (LC oscillation)
fOSC
VDD = 2.7 to 5.5 V
6.0
8.0
MHz
Oscillation frequency (external clock)
fOSC
VDD = 2.7 to 5.5 V
4.0
8.0
MHz
Operating ambient temperature
TA
–20
+75
°C
Electrical Characteristics (TA = 25
°C, unless otherwise specified, VDD = 2.7 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply voltage range
VDD
2.7
5.0
5.5
V
Current consumption 1
IDD
fOSC = 8.0 MHz, VDD = 5.0 V
5.0
10.0
mA
Current consumption 2
IDD
fOSC = 8.0 MHz, VDD = 3.0 V
3.0
5.0
mA
Signal input high-level voltage
VISH
0.7 VDD
V
Signal input low-level voltage
VISL
0.3 VDD
V
Signal output high-level voltage
VOSH
IOSL = –1 mA (VDD = 5 V)/–0.5 mA
0.9 VDD
V
(VDD = 3 V)
Signal output low-level voltage
VOSL
IOSL = 1 mA (VDD = 5 V)/0.5 mA
0.1 VDD
V
(VDD = 3 V)
Remark
Signal input
: DATA, CLK, CS, PCL, Hsync, Vsync, CMDCT
Signal output : VR, VG, VB, VC1, VC2, VBLK, BLK1, BLK2 (RBLK, GBLK, BBLK)
( ): Set by initial status setting command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com