Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 4 Page - Texas Instruments

  AFE4403 Datasheet HTML 1Page - Texas Instruments AFE4403 Datasheet HTML 2Page - Texas Instruments AFE4403 Datasheet HTML 3Page - Texas Instruments AFE4403 Datasheet HTML 4Page - Texas Instruments AFE4403 Datasheet HTML 5Page - Texas Instruments AFE4403 Datasheet HTML 6Page - Texas Instruments AFE4403 Datasheet HTML 7Page - Texas Instruments AFE4403 Datasheet HTML 8Page - Texas Instruments AFE4403 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 97 page
background image
AFE4403
SBAS650B – MAY 2014 – REVISED JULY 2014
www.ti.com
Pin Functions
PIN
NAME
NO.
FUNCTION
DESCRIPTION
Output signal that indicates ADC conversion completion.
ADC_RDY
D5
Digital
Can be connected to the interrupt input pin of an external microcontroller.
AFE-only power-down input; active low.
AFE_PDN
C3
Digital
Can be connected to the port pin of an external microcontroller.
Decoupling capacitor for internal band-gap voltage to ground.
Connect a decoupling capacitor to ground.
BG
C2
Reference
To achieve the lowest transmitter noise, use a capacitor value of 2.2 µF.
To reduce the recovery time from power-down (from 1 s to 0.1 s), use a capacitor value of
0.1 µF instead—but with slightly degraded transmitter noise.
Buffered 4-MHz output clock output.
CLKOUT
E6
Digital
Can be connected to the clock input pin of an external microcontroller.
Output signal that indicates completion of diagnostics.
DIAG_END
B4
Digital
Can be connected to the port pin of an external microcontroller.
C1, A1, E3, D3,
DNC(1)
—
Do not connect these pins. Leave as open circuit.
F5, B5, B6
INN
F1
Analog
Receiver input pin. Connect to photodiode anode.
INP
E1
Analog
Receiver input pin. Connect to photodiode cathode.
LED_DRV_GND
A3
Supply
LED driver ground pin, H-bridge. Connect to common board ground.
LED driver supply pin, H-bridge. Connect to an external power supply capable of supplying the
LED_DRV_SUP
A6
Supply
large LED current, which is drawn by this supply pin.
AFE-only reset input, active low.
RESET
D4
Digital
Can be connected to the port pin of an external microcontroller
RX_ANA_GND
E2
Supply
Rx analog ground pin. Connect to common board ground.
RX_ANA_SUP
F2, E4
Supply
Rx analog supply pin; 0.1-µF decoupling capacitor to ground
RX_DIG_GND
B2, F6
Supply
Rx digital ground pin. Connect to common board ground.
RX_DIG_SUP
E5
Supply
Rx digital supply pin; 0.1-µF decoupling capacitor to ground
SCLK
C6
SPI
SPI clock pin
SPISIMO
C4
SPI
SPI serial in master out
SPISOMI
C5
SPI
SPI serial out master in
SPISTE
D6
SPI
SPI serial interface enable
TX_CTRL_SUP
A2
Supply
Transmit control supply pin (0.1-µF decoupling capacitor to ground)
Transmitter reference voltage, 0.25 V default after reset.
Connect a decoupling capacitor to ground.
TX_REF
B1
Reference
To achieve the lowest transmitter noise, use a capacitor value of 2.2 µF.
To reduce the recovery time from power-down (from 1 s to 0.1 s), use a capacitor value of
0.1 µF instead—but with slightly degraded transmitter noise.
TXN
A4
Analog
LED driver out. Connect to LED in common anode or H-bridge configuration.
TXP
A5
Analog
LED driver out. Connect to LED in common anode or H-bridge configuration.
LED driver out for third LED. Connect to optional third LED supported in common anode
TX3
B3
Analog
configuration.
Input common-mode voltage output.
This signal can be used to shield (guard) the INP, INN traces.
VCM
D1
Reference
If used as a shield, then connect a series resistor (1 k
Ω) and a decoupling capacitor (10 nF) to
ground.
If VCM is not used externally, then these external components are not required.
VSS
D2
Supply
Substrate ground. Connect to common board ground.
Crystal oscillator pins.
XOUT
F4
Digital
Connect an external crystal between these pins with the correct load capacitor
(as specified by vendor) to ground.
Crystal oscillator pins.
XIN
F3
Digital
Connect an external crystal between these pins with the correct load capacitor
(as specified by vendor) to ground.
(1)
Leave pins as open circuit. Do not connect.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com