Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 18Page - Texas Instruments AFE4403 Datasheet HTML 19Page - Texas Instruments AFE4403 Datasheet HTML 20Page - Texas Instruments AFE4403 Datasheet HTML 21Page - Texas Instruments AFE4403 Datasheet HTML 22Page - Texas Instruments AFE4403 Datasheet HTML 23Page - Texas Instruments AFE4403 Datasheet HTML 24Page - Texas Instruments AFE4403 Datasheet HTML 25Page - Texas Instruments AFE4403 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 97 page
background image
CF
RF
CF
RF
ADC
VTIA+
VTIA-
CIN
+
-
-
+
Iin
Sensor Model
AFE4403
SBAS650B – MAY 2014 – REVISED JULY 2014
www.ti.com
Feature Description (continued)
The output voltage of the I-V amplifier includes the pleth component (the desired signal) and a component
resulting from the ambient light leakage. The I-V amplifier is followed by the second stage, which consists of a
current digital-to-analog converter (DAC) that sources the cancellation current and an amplifier that gains up the
pleth component alone. The amplifier has five programmable gain settings: 0 dB, 3.5 dB, 6 dB, 9.5 dB, and
12 dB. The gained-up pleth signal is then low-pass filtered (500-Hz bandwidth) and buffered before driving a 22-
bit ADC. The current DAC has a cancellation current range of 10 µA with 10 steps (1 µA each). The DAC value
can be digitally specified with the SPI interface. Using ambient compensation with the ambient DAC allows the
dc-biased signal to be centered to near mid-point of the amplifier (±0.9 V). Using the gain of the second stage
allows for more of the available ADC dynamic range to be used.
The output of the ambient cancellation amplifier is separated into LED2 and LED1 channels. When LED2 is on,
the amplifier output is filtered and sampled on capacitor CLED2. Similarly, the LED1 signal is sampled on the
CLED1 capacitor when LED1 is on. In between the LED2 and LED1 pulses, the idle amplifier output is sampled to
estimate the ambient signal on capacitors CLED2_amb and CLED1_amb.
The sampling duration is termed the Rx sample time and is programmable for each signal, independently. The
sampling can start after the I-V amplifier output is stable (to account for LED and cable settling times). The Rx
sample time is used for all dynamic range calculations; the minimum time recommended is 50 µs. While the
AFE4403 can support pulse widths lower than 50 us, having too low a pulse width could result in a degraded
signal and noise from the photodiode.
A single, 22-bit ADC converts the sampled LED2, LED1, and ambient signals sequentially. Each conversion
provides a single digital code at the ADC output. As discussed in the Receiver Timing section, the conversions
are meant to be staggered so that the LED2 conversion starts after the end of the LED2 sample phase, and so
on.
Note that four data streams are available at the ADC output (LED2, LED1, ambient LED2, and ambient LED1) at
the same rate as the pulse repetition frequency. The ADC is followed by a digital ambient subtraction block that
additionally outputs the (LED2 – ambient LED2) and (LED1 – ambient LED1) data values.
The model of the photodiode and the connection to the TIA is shown in Figure 37.
Figure 37. TIA Block Diagram
Iin is the signal current generated by the photodiode in response to the incident light. Cin is the zero-bias
capacitance of the photodiode. The current-to-voltage gain in the TIA is given by Equation 2:
VTIA (diff) = VTIA
+ – V
TIA
– = 2 × I
in × RF
(2)
22
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com