Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 19Page - Texas Instruments AFE4403 Datasheet HTML 20Page - Texas Instruments AFE4403 Datasheet HTML 21Page - Texas Instruments AFE4403 Datasheet HTML 22Page - Texas Instruments AFE4403 Datasheet HTML 23Page - Texas Instruments AFE4403 Datasheet HTML 24Page - Texas Instruments AFE4403 Datasheet HTML 25Page - Texas Instruments AFE4403 Datasheet HTML 26Page - Texas Instruments AFE4403 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 97 page
background image
+1.2 V
+1 V
+0.6 V
0 V
-1 V
-1.2 V
ADC max
(Differential)
TIA max
(Differential)
Ideal Operating
Point
TIA min
(Differential)
ADC min
(Differential)
AFE4403
www.ti.com
SBAS650B – MAY 2014 – REVISED JULY 2014
Feature Description (continued)
For example, for a photodiode current of Iin = 1 µA and a TIA gain setting of RF = 100 kΩ, the differential output
of the TIA is equal to 200 mV. The TIA has an operating range of ±1 V, and the ADC has an input full-scale
range of ±1.2 V (the extra margin is to prevent the ADC from saturating while operating the TIA at the fullest
output range). Furthermore, because the PPG signal is one-sided, only one half of the full-scale is used. TI
recommends operating the device at a dc level that is not more than 50% to 60% of the ADC full-scale. The
margin allows for sudden changes in the signal level that might saturate the signal chain if operating too close to
full-scale. Signal levels are shown in Figure 38:
Figure 38. Signal Levels in TIA and ADC
On startup, a gain calibration algorithm running on the microcontroller unit (MCU) can be used to monitor the dc
level and adjusts the LED current and TIA gain to get close to the target dc level. In addition to a target dc level,
a high and low threshold (for example 80% and 20% of full-scale) can be determined that can cause the
algorithm to switch to a different TIA gain or LED current setting when the signal amplitude changes beyond
these thresholds.
In heart rate monitoring (HRM) applications demanding small-form factors, the sensor size can be so small (and
the signal currents so low) that they do not occupy even 50% of full-scale even with the highest TIA gain setting
of 1 M
Ω, which is the case for signal currents that are less than 300 nA. As such, experimentation with various
use cases is essential in order to determine the optimal target value, as well as high and low thresholds. Also, by
enabling the stage 2 and introducing additional gain (up to 12 dB), a few extra decibels of SNR can be achieved.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com