Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 26Page - Texas Instruments AFE4403 Datasheet HTML 27Page - Texas Instruments AFE4403 Datasheet HTML 28Page - Texas Instruments AFE4403 Datasheet HTML 29Page - Texas Instruments AFE4403 Datasheet HTML 30Page - Texas Instruments AFE4403 Datasheet HTML 31Page - Texas Instruments AFE4403 Datasheet HTML 32Page - Texas Instruments AFE4403 Datasheet HTML 33Page - Texas Instruments AFE4403 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 97 page
background image
AFE4403
SBAS650B – MAY 2014 – REVISED JULY 2014
www.ti.com
In Figure 44 the crystal is characterized by a capacitance, Csh (shunt capacitance of the crystal) and an
equivalent series resistance (ESR). C1 and C2 are external capacitors added at the XIN and XOUT pins.
The negative resistance achievable from the internal oscillator is given by Equation 4:
R = –1 / (2 ×
ω × Csh × [1 + Csh / CL])
where
•
CL = (C1 × C2) / (C1 + C2),
•
ω is the frequency of oscillation in rads,
•
Csh is the shunt capacitor of the crystal, and
•
C1, C2 are the capacitors to ground from the XIN, XOUT pins. A value of approximately 15 pF is recommended for
C1, C2.
(4)
For example, with Csh = 8 pF, C1 = C2 = 15 pF, and a frequency of 8 MHz, the result is Equation 5:
R = –600
Ω
(5)
Thus, the crystal ESR is limited to less than approximately 200
Ω.
TI highly recommends that a single clock source be used to generate the clock required by the AFE as well as
the clock needed by the microcontroller (MCU). If an independent clock source is used by the MCU, then any
energy coupling into the AFE supply or ground or input pins can cause aliased spurious tones close to the heart
rate being measured. To enable operation with the single clock source between the AFE and the MCU, two
options are possible:
1. AFE clock as master: The AFE uses a crystal to generate its clock. CLKOUT from the AFE is used as the
input clock for the MCU.
2. MCU clock as master: The AFE operates with an external clock provided by the MCU.
Note that the switching of CLKOUT consumes power. Thus, if CLKOUT is not used, it can be shut off using the
CLKOUT_TRI bit.
8.3.3 Timer Module
See Figure 45 for a timing diagram detailing the various timing edges that are programmable using the timer
module. The rising and falling edge positions of 11 signals can be controlled. The module uses a single 16-bit
counter (running off of the 4-MHz clock) to set the time-base.
All timing signals are set with reference to the pulse repetition period (PRP). Therefore, a dedicated compare
register compares the 16-bit counter value with the reference value specified in the PRF register. Every time that
the 16-bit counter value is equal to the reference value in the PRF register, the counter is reset to 0.
30
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com