Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 79 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 75Page - Texas Instruments AFE4403 Datasheet HTML 76Page - Texas Instruments AFE4403 Datasheet HTML 77Page - Texas Instruments AFE4403 Datasheet HTML 78Page - Texas Instruments AFE4403 Datasheet HTML 79Page - Texas Instruments AFE4403 Datasheet HTML 80Page - Texas Instruments AFE4403 Datasheet HTML 81Page - Texas Instruments AFE4403 Datasheet HTML 82Page - Texas Instruments AFE4403 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 97 page
background image
AFE4403
www.ti.com
SBAS650B – MAY 2014 – REVISED JULY 2014
Figure 122. DIAG: Diagnostics Flag Register (Address = 30h, Reset Value = 0000h)
23
22
21
20
19
18
17
16
15
14
13
12
0
0
0
0
0
0
0
0
0
0
0
PD_ALM
11
10
9
8
7
6
5
4
3
2
1
0
LED_
LED2
LED1
OUTNSH
OUTPSH
INNSC
INPSC
INNSC
INPSC
LEDSC
PDOC
PDSC
ALM
OPEN
OPEN
GND
GND
GND
GND
LED
LED
This register is read only. This register contains the status of all diagnostic flags at the end of the diagnostics
sequence. The end of the diagnostics sequence is indicated by the signal going high on DIAG_END pin.
Bits 23:13
Read only
Bit 12
PD_ALM: Power-down alarm status diagnostic flag
This bit indicates the status of PD_ALM .
0 = No fault (default after reset)
1 = Fault present
Bit 11
LED_ALM: LED alarm status diagnostic flag
This bit indicates the status of LED_ALM .
0 = No fault (default after reset)
1 = Fault present
Bit 10
LED2OPEN: LED2 open diagnostic flag
This bit indicates that LED2 is open.
0 = No fault (default after reset)
1 = Fault present
Bit 9
LED1OPEN: LED1 open diagnostic flag
This bit indicates that LED1 is open.
0 = No fault (default after reset)
1 = Fault present
This bit indicates that LED2 is open.
0 = No fault (default after reset)
1 = Fault present
Bit 8
LEDSC: LED short diagnostic flag
This bit indicates an LED short.
0 = No fault (default after reset)
1 = Fault present
Bit 7
OUTNSHGND: OUTN to GND diagnostic flag
This bit indicates that OUTN is shorted to the GND cable.
0 = No fault (default after reset)
1 = Fault present
Bit 6
OUTPSHGND: OUTP to GND diagnostic flag
This bit indicates that OUTP is shorted to the GND cable.
0 = No fault (default after reset)
1 = Fault present
Bit 5
PDOC: PD open diagnostic flag
This bit indicates that PD is open.
0 = No fault (default after reset)
1 = Fault present
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
79
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com