Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 14Page - Texas Instruments AFE4403 Datasheet HTML 15Page - Texas Instruments AFE4403 Datasheet HTML 16Page - Texas Instruments AFE4403 Datasheet HTML 17Page - Texas Instruments AFE4403 Datasheet HTML 18Page - Texas Instruments AFE4403 Datasheet HTML 19Page - Texas Instruments AFE4403 Datasheet HTML 20Page - Texas Instruments AFE4403 Datasheet HTML 21Page - Texas Instruments AFE4403 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 97 page
background image
0
10
20
30
40
50
60
0
50
100
150
200
250
300
DAC Current Setting Code
Actual current
Expected current - 2 %
Expected current + 2 %
C024
0
5
10
15
20
25
30
44
45
46
47
48
49
50
51
52
LED Current (mA)
C031
96
100
104
108
112
116
0
5
10
15
20
25
Duty Cycle (%)
TX_REF = 0.25 V
TX_REF = 0.5 V
TX_REF = 0.75 V
TX_REF = 1 V
C027
0
5
10
15
20
25
0
5
10
15
20
25
Duty Cycle (%)
TX_REF = 0.25 V
TX_REF = 0.5 V
TX_REF = 0.75 V
TX_REF = 1 V
C028
20
24
28
32
36
40
44
48
52
56
60
3
4
5
6
7
Internal Clock Frequency (MHz)
C029
±20
0
20
40
60
80
100
0
50
100
150
200
250
300
DAC Current Setting Code
C025
AFE4403
SBAS650B – MAY 2014 – REVISED JULY 2014
www.ti.com
Typical Characteristics (continued)
At PRF = 100 Hz, 25% duty cycle, RF = 500 kΩ, CF is adjusted to keep TIA time constant at 1/10th of sampling duration, All
supplies at 3.3 V, 8-MHz external clock, CLKOUT tri-state, 1-µF capacitor on TX_REF and BG pins, detector CIN = 50 pF,
TX_REF = 0.5 V, ADC averaging = max allowed, and SNR in dBFS is noise referred to full-scale range of 2 V, unless
otherwise noted.
RF = 250 kΩ
PRF = 100 Hz
ADC averaging = 1
TX_REF = 0.25 V
Figure 29. Receiver Input-Referred Noise Current vs
Figure 30. Transmitter DAC Current Step Error
Internal Clock Frequency
PRF = 500 Hz
PRF = 500 Hz
DAC current is set such that ADC output is 50 %FS
DAC current is set such that ADC output is 50 %FS
Figure 31. SNR in 20-Hz BW vs Duty Cycle
Figure 32. Input Referred Noise Current in 20-Hz BW vs
Duty Cycle (TX_REF Voltage with Tx-Rx Loopback)
(TX_REF Voltage with Tx-Rx Loopback)
TX_REF = 0.25 V
LED current = 48 mA
100 devices on tester
Figure 33. Transmitter Current linearity
Figure 34. Transmitter Current Across Devices
18
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com