Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 13Page - Texas Instruments AFE4403 Datasheet HTML 14Page - Texas Instruments AFE4403 Datasheet HTML 15Page - Texas Instruments AFE4403 Datasheet HTML 16Page - Texas Instruments AFE4403 Datasheet HTML 17Page - Texas Instruments AFE4403 Datasheet HTML 18Page - Texas Instruments AFE4403 Datasheet HTML 19Page - Texas Instruments AFE4403 Datasheet HTML 20Page - Texas Instruments AFE4403 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 97 page
background image
96
97
98
99
100
101
102
103
104
105
106
0
5
10
15
20
25
Duty Cycle (%)
Stg2Gain = 1
Stg2Gain = 1.5
Stg2Gain = 2
Stg2Gain = 3
Stg2Gain = 4
C023
0
4
8
12
16
20
0
5
10
15
20
25
Duty Cycle (%)
Stg2Gain = 1
Stg2Gain = 1.5
Stg2Gain = 2
Stg2Gain = 3
Stg2Gain = 4
C022
96
98
100
102
104
106
±20
±10
0
10
20
30
40
50
60
70
Temperature (deg C)
RF = 250 k
RF = 500 k
C021
10
14
18
22
26
30
±20
±10
0
10
20
30
40
50
60
70
Temperature (deg C)
RF = 250 k
RF = 500 k
C020
96
98
100
102
104
106
0
2
4
6
8
10
Dynamic Powerdown Cycle Width (ms)
C019
10
14
18
22
26
30
0
2
4
6
8
10
Dynamic Powerdown Cycle width (ms)
C018
AFE4403
www.ti.com
SBAS650B – MAY 2014 – REVISED JULY 2014
Typical Characteristics (continued)
At PRF = 100 Hz, 25% duty cycle, RF = 500 kΩ, CF is adjusted to keep TIA time constant at 1/10th of sampling duration, All
supplies at 3.3 V, 8-MHz external clock, CLKOUT tri-state, 1-µF capacitor on TX_REF and BG pins, detector CIN = 50 pF,
TX_REF = 0.5 V, ADC averaging = max allowed, and SNR in dBFS is noise referred to full-scale range of 2 V, unless
otherwise noted.
PRF = 100 Hz
LED pulse = 100 µs
PRF = 100 Hz
LED pulse = 100 µs
All four DYNAMIC bits set to 1
All four DYNAMIC bits set to 1
Figure 23. Receiver SNR over Nyquist Bandwidth vs
Figure 24. Receiver Input-Referred Noise over Nyquist
Dynamic Power-Down Duty Cycle
Bandwidth vs Dynamic Power-Down Duty Cycle
LED pulse = 100 µs
Pleth current = 1 µA
LED pulse = 100 µs
Pleth current = 1 µA
Figure 25. SNR in 20-Hz Bandwidth vs Temperature
Figure 26. Input-Referred Noise Current in 20-Hz BW vs
Temperature (TX-Rx Loopback)
(Tx-Rx Loopback)
Stage 2 enabled
Stage 2 enabled
Figure 27. Receiver SNR over Nyquist Bandwidth vs
Figure 28. Receiver Input-Referred Noise Current over
Nyquist Bandwidth vs Duty Cycle
Duty Cycle (Different Stage 2 Gain Settings)
(Different Stage 2 Gain Settings)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com