Electronic Components Datasheet Search
  English  ▼

X  

AFE4403 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4403
Description  AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4403 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AFE4403 Datasheet HTML 28Page - Texas Instruments AFE4403 Datasheet HTML 29Page - Texas Instruments AFE4403 Datasheet HTML 30Page - Texas Instruments AFE4403 Datasheet HTML 31Page - Texas Instruments AFE4403 Datasheet HTML 32Page - Texas Instruments AFE4403 Datasheet HTML 33Page - Texas Instruments AFE4403 Datasheet HTML 34Page - Texas Instruments AFE4403 Datasheet HTML 35Page - Texas Instruments AFE4403 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 97 page
background image
Timer Compare
16-Bit Register 11
16-Bit Counter
Timer Compare
16-Bit Register 1
Start
Stop
Timer Compare
16-Bit Register 2
Start
Stop
Timer Compare
16-Bit Register 3
Start
Stop
Timer Compare
16-Bit Register 4
Start
Stop
Timer Compare
16-Bit Register 5
Start
Stop
Timer Compare
16-Bit Register 6
Start
Stop
Timer Compare
16-Bit PRF Register
PRF
Pulse
Timer Compare
16-Bit Register 7
Start
Stop
Timer Compare
16-Bit Register 8
Start
Stop
Timer Compare
16-Bit Register 9
Start
Stop
Timer Compare
16-Bit Register 10
Start
Stop
START-A
STOP-A
START-B
STOP-B
START-C
STOP-D
START-D
STOP-D
RED LED
S
R
IR LED
S
R
SR
Sample RED
S
R
S
R
S
R
S
R
S
R
S
R
S
R
S
R
Reset
Counter
Reset
SIR
Sample IR
SR_amb,
Sample Ambient
(red phase)
SIR_amb,
Sample Ambient
(IR phase)
CONVR,
Convert RED Sample
CONVIR,
Convert IR Sample
CONVIR_amb,
Convert Ambient Sample
(IR Phase)
CONVR_amb,
Convert Ambient Sample
(RED Phase)
ADC
Conversion
Timer Module
Enable
En
En
En
En
En
En
En
En
En
En
En
En
CLKIN
START
STOP
Set
Reset
Enable
Timer Compare Register
Start Reference Register
Stop Reference Register
Counter
Input
Output
Signal
AFE4403
SBAS650B – MAY 2014 – REVISED JULY 2014
www.ti.com
For the timing signals in Figure 41, the start and stop edge positions are programmable with respect to the PRF
period. Each signal uses a separate timer compare module that compares the counter value with
preprogrammed reference values for the start and stop edges. All reference values can be set using the SPI
interface.
After the counter value has exceeded the stop reference value, the output signal is set. When the counter value
equals the stop reference value, the output signal is reset. Figure 46 shows a diagram of the timer compare
register. With a 4-MHz clock, the edge placement resolution is 0.25 µs.
Figure 46. Compare Register
The ADC conversion signal requires four pulses in each PRF clock period. Timer compare register 11 uses four
sets of start and stop registers to control the ADC conversion signal, as shown in Figure 47.
Figure 47. Timer Module
8.3.3.1 Using the Timer Module
The timer module registers can be used to program the start and end instants in units of 4-MHz clock cycles.
These timing instants and the corresponding registers are listed in Table 2.
32
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: AFE4403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com